Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6168 Datasheet (PDF) - ANADIGICS, Inc

AWT6168 Datasheet PDF - ANADIGICS, Inc
Part # AWT6168
Download  AWT6168 Download
File Size   223.18 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control

AWT6168 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWT6168 Datasheet PDF - ANADIGICS, Inc

Part # AWT6168
Download  AWT6168 Click to download

File Size   223.18 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control

AWT6168 Datasheet (HTML) - ANADIGICS, Inc


AWT6168 Product details

PRODUCT DESCRIPTION
This power amplifier module supports dual, tri and quad band applications for GMSK and 8-PSK modulation schemes using a polar architecture. There are two amplifier chains, one to support GSM850/900 bands, the other for DCS/PCS bands.

FEATURES
• Internal Reference Voltage
• Integrated Power Control Scheme
• InGaP HBT Technology
• ESD Protection on All Pins (2.5 kV)
• Low profile 1.3 mm
• Small Package Outline 7 mm x 7 mm
• EGPRS Capable (class 12)

GMSK MODE
• Integrated power control (CMOS)
• +35 dBm GSM850/900 Output Power
• +33 dBm DCS/PCS Output Power
• 55 % GSM850/900 PAE
• 50 % DCS/PCS PAE
• Power control range > 50 dB

EDGE MODE
• +30.5 dBm GSM850/900 Output Power
• +29.5 dBm DCS/PCS Output Power
• 25 % GSM850/900 PAE
• 25 % DCS/PCS PAE

APPLICATIONS
• GSM850/GSM900/DCS/PCS Handsets
• Dual/Tri/Quad Band PDA
• GMSK and 8-PSK Polar Modulation Schemes




Similar Part No. - AWT6168

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6166 ANADIGICS-AWT6166 Datasheet
246Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
Rev 0.3
AWT6166R ANADIGICS-AWT6166R Datasheet
421Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
Rev 2.0
AWT6166RM15P8 ANADIGICS-AWT6166RM15P8 Datasheet
421Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
Rev 2.0
AWT6167 ANADIGICS-AWT6167 Datasheet
210Kb / 12P
GSM900/DCS Dual Band Power Amplifier Module With Integrated Power Control
Rev 0.1
AWT6167R ANADIGICS-AWT6167R Datasheet
281Kb / 12P
GSM900/DCS Dual Band Power Amplifier Module With Integrated Power Control
Rev 1.0
More results


Similar Description - AWT6168

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA1850 FAIRCHILD-RMPA1850 Datasheet
120Kb / 9P
Quad Band GSM/GPRS Power Amplifier Module
logo
Freescale Semiconductor...
MMM6035 FREESCALE-MMM6035 Datasheet
699Kb / 22P
Quad-Band GSM/GPRS PA Module with Integrated Power Control
logo
TriQuint Semiconductor
TQM7M5008 TRIQUINT-TQM7M5008 Datasheet
199Kb / 1P
Quad-Band GSM/EDGE Polar Power Amplifier Module
TQM7M5003 TRIQUINT-TQM7M5003 Datasheet
444Kb / 15P
Quad-Band GSM/EDGE Polar Power Amplifier Module
TQM7M5002 TRIQUINT-TQM7M5002 Datasheet
297Kb / 1P
Quad-Band GSM/EDGE Polar Power Amplifier Module
logo
ANADIGICS, Inc
AWT6155 ANADIGICS-AWT6155 Datasheet
536Kb / 16P
Quad-band GSM/GPRS/EDGE Power Amplifier Module with Integrated Power Control
02/2009
AWT6172 ANADIGICS-AWT6172 Datasheet
802Kb / 20P
GSM/GPRS/EDGE Power Amplifier Module with Integrated Power Control
02/2009
AWT6223R ANADIGICS-AWT6223R Datasheet
563Kb / 16P
WCDMA/GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
11/2008
AWT6280 ANADIGICS-AWT6280 Datasheet
585Kb / 16P
Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
11/2008
AWE6159R ANADIGICS-AWE6159R Datasheet
734Kb / 16P
Quad-band GSM/GPRS/EDGE Power Amplifier Module
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com