Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6167R Datasheet (PDF) - ANADIGICS, Inc

AWT6167R Datasheet PDF - ANADIGICS, Inc
Part # AWT6167R
Download  AWT6167R Download
File Size   281.73 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description GSM900/DCS Dual Band Power Amplifier Module With Integrated Power Control

AWT6167R Datasheet (PDF)

Go To PDF Page Download Datasheet
AWT6167R Datasheet PDF - ANADIGICS, Inc

Part # AWT6167R
Download  AWT6167R Click to download

File Size   281.73 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description GSM900/DCS Dual Band Power Amplifier Module With Integrated Power Control

AWT6167R Datasheet (HTML) - ANADIGICS, Inc


AWT6167R Product details

PRODUCT DESCRIPTION
As with previous generations, the AWT6167R integrated CMOS power control scheme simplifies the design of the transmitter by eliminating the need for external power control circuitry.
The AWT6167R input and output terminals are internal matched to 50 ohms and DC blocked, reducing the number of external components required in the final application. Both PA die, GSM900 and DCS, are fabricated using state of the art InGaP HBT technology, known for it is proven reliability and temperature stability.

FEATURES
• Integrated Vreg (regulated supply)
• Harmonic Performance ≤ -20 dBm
• High Efficiency (PAE) at Pmax:
    -GSM900, 55%
    -DCS, 53%
• +35 dBm GSM900 Output Power at 3.5 V
• +33 dBm DCS Output Power at 3.5 V
• 55 dB Dynamic Range
• GPRS Class 12 Capable
• RoHS Compliant Package, 250°C MSL-3

APPLICATIONS
• Dual/Tri/Quad Band Handsets & PDAs




Similar Part No. - AWT6167R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6167 ANADIGICS-AWT6167 Datasheet
210Kb / 12P
GSM900/DCS Dual Band Power Amplifier Module With Integrated Power Control
Rev 0.1
More results


Similar Description - AWT6167R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6108R ANADIGICS-AWT6108R Datasheet
276Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
Rev 1.0
AWT6166 ANADIGICS-AWT6166 Datasheet
246Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
Rev 0.3
AWT6166R ANADIGICS-AWT6166R Datasheet
421Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
Rev 2.0
AWT6167 ANADIGICS-AWT6167 Datasheet
210Kb / 12P
GSM900/DCS Dual Band Power Amplifier Module With Integrated Power Control
Rev 0.1
AWT6201 ANADIGICS-AWT6201 Datasheet
203Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
Rev 0.7
AWT6202 ANADIGICS-AWT6202 Datasheet
209Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
Rev 0.3
logo
RF Micro Devices
RF3146D RFMD-RF3146D Datasheet
251Kb / 16P
DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3166D RFMD-RF3166D Datasheet
230Kb / 12P
DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3198 RFMD-RF3198 Datasheet
333Kb / 16P
DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3166D RFMD-RF3166D_1 Datasheet
365Kb / 14P
DUAL-BAND GSM900/DCS POWER AMP MODULE
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com