Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC558 Datasheet (PDF) - Anpec Electronics Coropration

APC558 Datasheet PDF - Anpec Electronics Coropration
Part # APC558
Download  APC558 Download
File Size   120.4 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Dual Operational Amplifier

APC558 Datasheet (PDF)

Go To PDF Page Download Datasheet
APC558 Datasheet PDF - Anpec Electronics Coropration

Part # APC558
Download  APC558 Click to download

File Size   120.4 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Dual Operational Amplifier

APC558 Datasheet (HTML) - Anpec Electronics Coropration


APC558 Product details

General Description
The APC558 consists of two independent, high gain, internally frequency compensated operational amplifiers which were designed specifically to operate from a single power supply up to 20 volts. Operation from dual power supplies is also possible and the power supply current drain is essentially independent of the magnitude of the power supply voltage.
Application areas include transducer amplifiers, DC gain blocks and all the conventional OP amplifier circuits which can be more easily implemented in single power supply systems. (For example, the APC558 can be directly operated from the standard +5V power supply voltage which is normally used in digital systems.)

Features
• Power Supply Range :
   • Signal Supply : 3V to 20V
   • Dual Supply : ± 1.5V to ± 10V
• Large DC Voltage Gain : 100dB
• Large Output Swing : 0V ~ VDD- 1.5V
• Bandwidth(unity gain) : 2MHz
• Internally Frequency Compensated for Unity Gain
• Low Input Offset Voltage : 1mV

Applications
• Amplifiers
• Filters
• Analog Circuit




Similar Part No. - APC558

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC5568-3V BEL-APC5568-3V Datasheet
113Kb / 2P
ISDN S Interface Hybrid
APC5568-3V-F BEL-APC5568-3V-F Datasheet
127Kb / 2P
ISDN S Interface Hybrid
APC5568-5V BEL-APC5568-5V Datasheet
109Kb / 2P
ISDN S Interface Hybrid
APC5568DS-3V BEL-APC5568DS-3V Datasheet
87Kb / 2P
SMD ISDN S Interface Hybrid
APC5568DS-3V-F BEL-APC5568DS-3V-F Datasheet
120Kb / 2P
SMD ISDN S Interface Hybrid
More results


Similar Description - APC558

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com