Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC558 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APC558
Description  Dual Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APC558 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APC558 Datasheet HTML 1Page - Anpec Electronics Coropration APC558 Datasheet HTML 2Page - Anpec Electronics Coropration APC558 Datasheet HTML 3Page - Anpec Electronics Coropration APC558 Datasheet HTML 4Page - Anpec Electronics Coropration APC558 Datasheet HTML 5Page - Anpec Electronics Coropration APC558 Datasheet HTML 6Page - Anpec Electronics Coropration APC558 Datasheet HTML 7Page - Anpec Electronics Coropration APC558 Datasheet HTML 8Page - Anpec Electronics Coropration APC558 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.4 - July., 2002
APC558
www.anpec.com.tw
4
-10
-8
-6
-4
-2
0
2
4
6
8
10
±2 ±3 ±4 ±5 ±6 ±7 ±8 ±9 ± 10
-50
-25
0
25
50
75
100
0
10
20
30
40
50
60
70
80
90
100
2
-50
-25
0
25
50
75
100
-2
-1.5
-1
-0.5
0
0.5
1
1.5
Typical Characteristics Cont.
Figure 5
Figure 6
Maximum Output Voltage Swing vs
Temperature
Temperature -
°C
Input Offset Voltage vs Temperature
Figure 7
Figure 8
Input Bias Current vs Temperature
Temperature -
°C
Operating Voltage - V
-50
-25
0
25
50
75
100
-15
-10
-5
0
5
10
15
R
L=10kΩ
V
DD= ±10V
V
DD= ±10V
Temperature -
°C
Maximum Output Voltage Swing
vs Operating Voltage
R
L =2k Ω
V
DD= ±10V
T
A= 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com