Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC558 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APC558
Description  Dual Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APC558 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APC558 Datasheet HTML 1Page - Anpec Electronics Coropration APC558 Datasheet HTML 2Page - Anpec Electronics Coropration APC558 Datasheet HTML 3Page - Anpec Electronics Coropration APC558 Datasheet HTML 4Page - Anpec Electronics Coropration APC558 Datasheet HTML 5Page - Anpec Electronics Coropration APC558 Datasheet HTML 6Page - Anpec Electronics Coropration APC558 Datasheet HTML 7Page - Anpec Electronics Coropration APC558 Datasheet HTML 8Page - Anpec Electronics Coropration APC558 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.4 - July., 2002
APC558
www.anpec.com.tw
3
Typical Characteristics
Figure 1
Figure 2
Open Loop Voltage Gain vs Frequency
Frequency (Hz)
Frequency (Hz)
Figure 3
Figure 4
Maximum Output Voltage Swing vs Load
Resistance
Operating Current vs Temperature
Temperature -
°C
0
120
20
40
60
80
100
10
5M
100
1k
10k
100k
1M
1
1 0
100
1k
10k 100k
1 M
0
2
4
6
8
10
12
14
16
18
20
T
A= 25°C
V
DD= ±10V
R
L =2k Ω
T
A= 25°C
R
L =2k Ω
Maximum Output Voltage Swing vs
Frequency
10
12
14
16
18
20
0.1
1
10
2
0.2
0.5
5
T
A= 25°C
Load Resistance - k
Ω
-50
-25
0
25
50
75
100
0
1
2
3
4
5
6
7
8
9
10
V
DD= ±10V
V
DD= ±10V
V
DD= ±10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com