Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5902-33KC Datasheet (PDF) - Anpec Electronics Coropration

APL5902-33KC Datasheet PDF - Anpec Electronics Coropration
Part # APL5902-33KC
Download  APL5902-33KC Download
File Size   1389.57 Kbytes
Page   21 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Low IQ, Low Dropout 900mA Fixed Voltage Regulator

APL5902-33KC Datasheet (PDF)

Go To PDF Page Download Datasheet
APL5902-33KC Datasheet PDF - Anpec Electronics Coropration

Part # APL5902-33KC
Download  APL5902-33KC Click to download

File Size   1389.57 Kbytes
Page   21 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Low IQ, Low Dropout 900mA Fixed Voltage Regulator

APL5902-33KC Datasheet (HTML) - Anpec Electronics Coropration


APL5902-33KC Product details

General Description

The APL5901/2 is micropower, low noise, low dropout linear regulator. Operate from 2.7V to 6V input voltage and deliver up to 900mA. Typical output noise is just 50mVRMS with the addition of an external 0.1mF bypass capacitor in BP pin and typical dropout voltage is only 210mV at 900mA loading. Designed for use in battery-powered system, the low 50mA quiescent current makes it an ideal choice.



Features

· Low Noise : 50mVRMS (100Hz to 100kHz)

· Low Quiescent Current : 50mA (No load)

· Low Dropout Voltage : 210mV (@900mA)

· Very low Shutdown Current : < 1mA

· Fixed Output Voltage : 1.3V ~ 3.4V

· Stable with 4.7mF Output Capacitor

· Stable with Aluminum , Tantalum or Ceramic Capacitors .

· Reverse Current Protection

· No Protection Diodes Needed

· Built in Thermal Protection

· Built in Current Limit Protection

· Controlled Short Circuit Current : 200mA

· Fast Transient Response

· Short Setting Time

· SOT-89, SOT-89-5, SOT-223, SO-8 ,TO-252 and TO-252-5 Packages

· Lead Free Available (RoHS Compliant)



Applications

· Notebook Computer

· PDA or Portable Equipments

· Noise-Sensitive Instrumentation Systems




Similar Part No. - APL5902-33KC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5910 ANPEC-APL5910 Datasheet
360Kb / 16P
1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910 ANPEC-APL5910 Datasheet
400Kb / 17P
1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRG ANPEC-APL5910KAI-TRG Datasheet
360Kb / 16P
1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRG ANPEC-APL5910KAI-TRG Datasheet
400Kb / 17P
1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRL ANPEC-APL5910KAI-TRL Datasheet
360Kb / 16P
1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
More results


Similar Description - APL5902-33KC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
Low IQ, Low Dropout 560mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
Low IQ, Low Dropout 700mA Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42794 INFINEON-TLE42794 Datasheet
548Kb / 28P
Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42994V33 INFINEON-TLE42994V33 Datasheet
1Mb / 25P
Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
logo
Anpec Electronics Corop...
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
Low IQ, Low Dropout 300mA Fixed Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com