Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3091 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
THS3091 Datasheet PDF - Texas Instruments
Part # THS3091
Download  THS3091 Download
File Size   2739.93 Kbytes
Page   55 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers

THS3091 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS3091 Datasheet PDF - Texas Instruments

Part # THS3091
Download  THS3091 Click to download

File Size   2739.93 Kbytes
Page   55 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers

THS3091 Datasheet (HTML) - Texas Instruments


THS3091 Product details

1 Features
• Low distortion:
– 77-dBc HD2 at 10 MHz, RL = 1 kΩ
– 69-dBc HD3 at 10 MHz, RL = 1 kΩ
• Low noise:
– 14-pA/√ Hz noninverting current noise
– 17-pA/√ Hz inverting current noise
– 2-nV/√ Hz voltage noise
• High slew rate: 7300 V/μs (G = 5, VO = 20 VPP)
• Wide bandwidth: 210 MHz (G = 2, RL = 100 Ω)
• High output current drive: ±250 mA
• Wide supply range: ±5 V to ±15 V
• Power-down feature: THS3095 only

2 Applications
• High-voltage arbitrary waveform generators
• Power FET drivers
• Pin drivers
• VDSL line drivers

3 Description
The THS3091 and THS3095 are high-voltage, lowdistortion,
high-speed, current-feedback amplifiers
designed to operate over a wide supply range of
±5 V to ±15 V for applications requiring large, linear
output signals such as pin drivers, power FET drivers
& arbitrary waveform generators.
The THS3095 features a power-down pin (PD) that
puts the amplifier in low power standby mode, and
lowers the quiescent current from 9.5 mA to 500 μA.
The wide supply range, combined with total harmonic
distortion as low as –69 dBc at 10 MHz, in addition
to the high slew rate of 7300 V/μs makes the
THS309x ideally suited for high-voltage arbitrary
waveform driver applications. Moreover, having the
ability to handle large voltage swings driving into
high-resistance and high-capacitance loads while
maintaining good settling time performance makes the
devices ideal for Pin driver and Power FET driver
applications.
The THS3091 and THS3095 are offered in an 8-pin
SOIC (D), and the 8-pin SOIC (DDA) packages with
PowerPAD™. The THS3091 is also offered in an
additional 8-pin HVSSOP (DGN) package.




Similar Part No. - THS3091

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3091 TI-THS3091 Datasheet
1Mb / 31P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
1Mb / 37P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3091 TI-THS3091 Datasheet
3Mb / 46P
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
THS3091 TI2-THS3091 Datasheet
3Mb / 46P
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
More results


Similar Description - THS3091

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3091 TI-THS3091 Datasheet
1Mb / 31P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Texas Instruments
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Texas Instruments
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
High-voltage, Low-distortion, Current-feedback Operational Amplifiers
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Texas Instruments
THS3091 TI-THS3091_V02 Datasheet
3Mb / 46P
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com