Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1312 Datasheet (PDF) - Littelfuse

SP1312 Datasheet PDF - Littelfuse
Part # SP1312
Download  SP1312 Download
File Size   1507.31 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP1312 11pF 24kV Bidirectional Discrete TVS

SP1312 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP1312 Datasheet PDF - Littelfuse

Part # SP1312
Download  SP1312 Click to download

File Size   1507.31 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP1312 11pF 24kV Bidirectional Discrete TVS

SP1312 Datasheet (HTML) - Littelfuse


SP1312 Product details

Description
The SP1312 bidirectional TVS is fabricated in a proprietary
silicon avalanche technology. These diodes provide a high
ESD (electrostatic discharge) protection level for electronic
equipment. The SP1312 TVS can safely absorb repetitive
ESD strikes of ±24 kV (contact and air discharge as defined
in IEC 61000-4-2) without any performance degradation.
Additionally, each TVS can safely dissipate a 3A 8/20 surge
event as defined in IEC 61000-4-5 2nd Edition.

Features
• ESD, IEC 61000-4-2,
±24kV contact, ±30kV air
• EFT, IEC 61000-4-4, 40A
(5/50ns)
• Lightning, 3A (8/20 as
defined in IEC 61000-4-5
2nd edition)
• Low capacitance of 11pF
(@ VR=0V)
• Low leakage current of
0.02μA(TYP) at 12V
• Industries smallest ESD
footprint available (01005)
• Halogen free, lead free
and RoHS compliant

Applications
• Mobile Phones
• Smart Phones
• Camcorders
• Portable Medical
• Digital Cameras
• Wearable Technology
• Portable Navigation
Components
• Tablets
• Point of Sale Terminals




Similar Part No. - SP1312

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
SP1313TF EFC-SP1313TF Datasheet
13Kb / 1P
Metallized Polyester Capacitors
SP1313TF-3 EFC-SP1313TF-3 Datasheet
13Kb / 1P
Metallized Polyester Capacitors
More results


Similar Description - SP1312

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SD05C LITTELFUSE-SD05C Datasheet
702Kb / 4P
450W Discrete Bidirectional TVS Diode
SP3118 LITTELFUSE-SP3118 Datasheet
2Mb / 5P
0.3pF 10KV Bidirectional Discrete TVS
SD-C LITTELFUSE-SD-C Datasheet
1,012Kb / 7P
450W Discrete Bidirectional TVS Diode
SP1005 LITTELFUSE-SP1005_17 Datasheet
915Kb / 5P
30pF 30kV Bidirectional Discrete TVS
SP1007 LITTELFUSE-SP1007_17 Datasheet
1Mb / 5P
3.5pF 8kV Bidirectional Discrete TVS
SP1009 LITTELFUSE-SP1009 Datasheet
656Kb / 4P
30pF 30kV Bidirectional Discrete TVS
SPHV-C LITTELFUSE-SPHV-C Datasheet
997Kb / 6P
200W Discrete Bidirectional TVS Diode
SPXX LITTELFUSE-SPXX Datasheet
1,014Kb / 6P
100W Discrete Bidirectional TVS Diode
SP1103C LITTELFUSE-SP1103C Datasheet
704Kb / 5P
80A Discrete Bidirectional TVS Diode
2022 Littelfuse, Inc.
SP1333 LITTELFUSE-SP1333 Datasheet
644Kb / 5P
SP1333 8pF 30kV Bidirectional Discrete TVS
2019 Littelfuse, Inc
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com