Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSW Datasheet (PDF) - C&K Components

SSW Datasheet PDF - C&K Components
Part # SSW
Download  SSW Download
File Size   522.27 Kbytes
Page   3 Pages
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components
Description Surface Mount Mini Size 2 Pole Snap-acting Switches

SSW Datasheet (PDF)

Go To PDF Page Download Datasheet
SSW Datasheet PDF - C&K Components

Part # SSW
Download  SSW Click to download

File Size   522.27 Kbytes
Page   3 Pages
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components
Description Surface Mount Mini Size 2 Pole Snap-acting Switches

SSW Datasheet (HTML) - C&K Components


SSW Product details

Features/Benefits
• Surface mount terminations
• IP67
• Redundant contacts
• Change over time <15ms
• Top and side actuation
• Low acoustics

Typical Applications
• Automotive, ASIL related applications
(electronic parking brake, by-wire functions)




Similar Part No. - SSW

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SSW COOPER-SSW Datasheet
143Kb / 2P
Box Cover Units for Plug Fuses
logo
Samtec, Inc
SSW SAMTEC-SSW Datasheet
267Kb / 2P
THROUGH-HOLE .025" SQ POST SOCKET
Rev 10OCT17
SSW-101-01 SAMTEC-SSW-101-01 Datasheet
267Kb / 2P
THROUGH-HOLE .025" SQ POST SOCKET
Rev 10OCT17
SSW-101-02 SAMTEC-SSW-101-02 Datasheet
267Kb / 2P
THROUGH-HOLE .025" SQ POST SOCKET
Rev 10OCT17
SSW-101-03 SAMTEC-SSW-101-03 Datasheet
267Kb / 2P
THROUGH-HOLE .025" SQ POST SOCKET
Rev 10OCT17
More results


Similar Description - SSW

ManufacturerPart #DatasheetDescription
logo
C&K Components
ZMW CK-COMPONENTS-ZMW Datasheet
480Kb / 4P
Mini Size Snap-acting Switches
2020
ZMSM CK-COMPONENTS-ZMSM_V01 Datasheet
515Kb / 4P
Mini Size Snap-acting Switches
2021
ZMS CK-COMPONENTS-ZMS_V01 Datasheet
292Kb / 4P
Mini Size Snap-acting Switches
2021
ZM CK-COMPONENTS-ZM_V01 Datasheet
337Kb / 3P
Mini Size Snap-acting Switches
2021
ZMT CK-COMPONENTS-ZMT Datasheet
499Kb / 5P
Mini Size Sealed Snap-acting Switches
2022
ZMV CK-COMPONENTS-ZMV Datasheet
1Mb / 6P
Mini Size Snap-acting Switches
2021
MDSSNAP CK-COMPONENTS-MDSSNAP Datasheet
907Kb / 7P
Mini Size Snap-acting Switches
27 Sep 19
MM CK-COMPONENTS-MM Datasheet
527Kb / 3P
Mini Size Precision Snap-acting Switches
24 Mar 21
MDS CK-COMPONENTS-MDS_V02 Datasheet
913Kb / 7P
Mini Size Snap-acting Switches
27 Sep 19
ZMA CK-COMPONENTS-ZMA_V02 Datasheet
442Kb / 4P
Mini Size Snap-acting Switches
31 May 21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com