Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSW Datasheet(PDF) 1 Page - C&K Components

Part # SSW
Description  Surface Mount Mini Size 2 Pole Snap-acting Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SSW Datasheet(HTML) 1 Page - C&K Components

  SSW Datasheet HTML 1Page - C&K Components SSW Datasheet HTML 2Page - C&K Components SSW Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SSW Series
Surface Mount Mini Size 2 Pole Snap-acting Switches
Features/Benefits
• Surface mount terminations
• IP67
• Redundant contacts
• Change over time <15ms
• Top and side actuation
• Low acoustics
Typical Applications
• Automotive, ASIL related applications
(electronic parking brake, by-wire functions)
J
J–52
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
28 Jun 21
Specifications
FUNCTION: momentary action
CONTACT ARRANGEMENT: 2 change over contacts = DPDT
SWITCHING MODE: non shorting
TERMINAL: SMD terminals
Environmental
OPERATING TEMPERATURE: -40°C to 85°C
STORAGE TEMPERATURE: -40°C to 85°C
SEALING: IP67
Process
SOLDERING: Depending on the application, this component is suited
to the following methods:
- Infrared Reflow Soldering in accordance with C&K product
specification
TERMINALS: Silver plated
Packaging
Reel containing 370 pieces
Reel dimensions according to EIA RS481. External diameter 380 mm
NOTE: This datasheet is describing main product characteristics. It cannot be considered as
a contractual dcument for design in and subject to change without prior notice. We recom-
mend contacting your closest sales representative to obtain contractual
specifications. Product compliance to final application requirement remains customer
responsibility.
Mechanical
Type
Force (N)
Operating life*
(cycles)
Travel
(mm)
SSW115S01 R370
2.0 +/- 1
Up to 300 000
1.2
* Under Max. electrical load
SHEAR FORCE RESISTANCE:
40N
SIDE ACTUATION:
cam angle at 40°
Specifications
MAXIMUM POWER:
0.36 W
MAXIMUM VOLTAGE:
18 VDC
MINIMUM VOLTAGE:
5 V
MAXIMUM CURRENT:
20 mA
MINIMUM CURRENT:
1 mA
DIELECTRIC STRENGTH (50 Hz, 1min.):
> 250 Vrms
CHANGEOVER TIME:
< 15 ms
INSULATION RESISTANCE (100 V):
> 100 MΩ
CONTACT RESISTANCE initial:
100 mΩ
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select desired
option from each category and place it in the appropriate box.
For any part number different from those listed above, please consult your local representative.
Series
SSW
Force
1
2N
Travel & type
1 1,2 mm: standard travel
Version
5
Standard
S
S
W
Terminal type
S01 SMT
5
1
1
S
NOTE: other versions available upon request. Please consult your customer service.
0
1
R
3
7
0
R370 Reel of 370 pcs


Similar Part No. - SSW

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SSW COOPER-SSW Datasheet
143Kb / 2P
Box Cover Units for Plug Fuses
logo
Samtec, Inc
SSW SAMTEC-SSW Datasheet
267Kb / 2P
THROUGH-HOLE .025" SQ POST SOCKET
Rev 10OCT17
SSW-101-01 SAMTEC-SSW-101-01 Datasheet
267Kb / 2P
THROUGH-HOLE .025" SQ POST SOCKET
Rev 10OCT17
SSW-101-02 SAMTEC-SSW-101-02 Datasheet
267Kb / 2P
THROUGH-HOLE .025" SQ POST SOCKET
Rev 10OCT17
SSW-101-03 SAMTEC-SSW-101-03 Datasheet
267Kb / 2P
THROUGH-HOLE .025" SQ POST SOCKET
Rev 10OCT17
More results

Similar Description - SSW

ManufacturerPart #DatasheetDescription
logo
C&K Components
ZMW CK-COMPONENTS-ZMW Datasheet
480Kb / 4P
Mini Size Snap-acting Switches
2020
ZMSM CK-COMPONENTS-ZMSM_V01 Datasheet
515Kb / 4P
Mini Size Snap-acting Switches
2021
ZMS CK-COMPONENTS-ZMS_V01 Datasheet
292Kb / 4P
Mini Size Snap-acting Switches
2021
ZM CK-COMPONENTS-ZM_V01 Datasheet
337Kb / 3P
Mini Size Snap-acting Switches
2021
ZMT CK-COMPONENTS-ZMT Datasheet
499Kb / 5P
Mini Size Sealed Snap-acting Switches
2022
ZMV CK-COMPONENTS-ZMV Datasheet
1Mb / 6P
Mini Size Snap-acting Switches
2021
MDSSNAP CK-COMPONENTS-MDSSNAP Datasheet
907Kb / 7P
Mini Size Snap-acting Switches
27 Sep 19
MM CK-COMPONENTS-MM Datasheet
527Kb / 3P
Mini Size Precision Snap-acting Switches
24 Mar 21
MDS CK-COMPONENTS-MDS_V02 Datasheet
913Kb / 7P
Mini Size Snap-acting Switches
27 Sep 19
ZMA CK-COMPONENTS-ZMA_V02 Datasheet
442Kb / 4P
Mini Size Snap-acting Switches
31 May 21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com