Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSW Datasheet(PDF) 3 Page - C&K Components

Part # SSW
Description  Surface Mount Mini Size 2 Pole Snap-acting Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SSW Datasheet(HTML) 3 Page - C&K Components

  SSW Datasheet HTML 1Page - C&K Components SSW Datasheet HTML 2Page - C&K Components SSW Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
J
J–54
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
28 Jun 21
SSW Series
Surface Mount Mini Size 2 Pole Snap-acting Switches
RECOMMENDED PCB LAYOUT
TAPE & REEL
1,55 0,05
6x 1,2
8,3
1,2 0,05
0,56
5,24
7,84
400mm
see note 7
PACKAGING OF SWITCHES
NOTES : 5 Quantity per reel 370 pcs.
6 Trailer lenght 160mm ( 10 cavities ).
7 Loader lenght 400mm ( 25 cavities ).
SEE DETAIL Q
DETAIL Q
SCALE (1/1)
REELING DIRECTION
OUT OF PRODUCTION



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com