Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9519 Datasheet (PDF) - Renesas Technology Corp

ISL9519 Datasheet PDF - Renesas Technology Corp
Part # ISL9519
Download  ISL9519 Download
File Size   153.11 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Narrow VDC Regulator/Charger with SMBus Interface

ISL9519 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9519 Datasheet PDF - Renesas Technology Corp

Part # ISL9519
Download  ISL9519 Click to download

File Size   153.11 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Narrow VDC Regulator/Charger with SMBus Interface

ISL9519 Datasheet (HTML) - Renesas Technology Corp


ISL9519 Product details

Features
• ±0.5% System Voltage Accuracy (-10°C to +100°C)
• ±3% Accurate Input Current Limit (-10°C to +100°C)
• ±3% Accurate Battery Charge Current Limit
• Variable Switching Frequency at Light Load Conditions for
Higher Efficiency
• Fixed Frequency Operation at Higher Loads
- Fixed Frequency Mode can be Forced by an External Pin
• Trickle Charge System for Deeply Discharged Batteries
- Automatic Trickle Charge Current (256mA)
- Holds Minimum Voltage to System
• SMBus 2-Wire Serial Interface
• Default System Voltage Values for 1-Cell, 2-Cell or
3-Cell Operation Selected by an External Pin
• Adapter In-rush FET Control
• Adapter Isolation FET Control
• Battery Short Circuit Protection
• Fast System-Load Transient Response
• Monitor Outputs
- Adapter Current (2.5% Accuracy)
- AC-adapter Present Indicator
• 11-Bit Max System Voltage Setting
• 7-Bit Min System Voltage Setting
• 6-Bit Charge Current Setting
- Over 8A Battery Charger Current
• 6-Bit Adapter Current Setting
- Over 8A Adapter Current
• +4.5V to +22V Adapter Voltage Range
• Pb-Free (RoHS Compliant)
Applications
• Notebook Computers
• Tablet PCs
• Portable Equipment with Rechargeable Batteries




Similar Part No. - ISL9519

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9519 INTERSIL-ISL9519 Datasheet
90Kb / 3P
Narrow VDC Regulator/Charger with SMBus Interface
ISL9519 INTERSIL-ISL9519 Datasheet
101Kb / 3P
Narrow VDC Regulator/Charger with SMBus Interface
ISL9519CHRZ INTERSIL-ISL9519CHRZ Datasheet
103Kb / 3P
Narrow VDC Regulator/Charger with SMBus Interface and Internal Switching FETs
ISL9519HRTZ INTERSIL-ISL9519HRTZ Datasheet
90Kb / 3P
Narrow VDC Regulator/Charger with SMBus Interface
ISL9519IRTZ INTERSIL-ISL9519IRTZ Datasheet
101Kb / 3P
Narrow VDC Regulator/Charger with SMBus Interface
More results


Similar Description - ISL9519

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9518 INTERSIL-ISL9518 Datasheet
450Kb / 25P
Narrow VDC Regulator/Charger with SMBus Interface
December 8, 2008
ISL9519HRTZ INTERSIL-ISL9519HRTZ Datasheet
90Kb / 3P
Narrow VDC Regulator/Charger with SMBus Interface
ISL9519IRTZ INTERSIL-ISL9519IRTZ Datasheet
101Kb / 3P
Narrow VDC Regulator/Charger with SMBus Interface
ISL9519CHRZ INTERSIL-ISL9519CHRZ Datasheet
103Kb / 3P
Narrow VDC Regulator/Charger with SMBus Interface and Internal Switching FETs
logo
Renesas Technology Corp
ISL88750 RENESAS-ISL88750 Datasheet
187Kb / 2P
Narrow VDC (NVDC) Battery Charger with SMBus Interface
ISL6258 RENESAS-ISL6258 Datasheet
185Kb / 2P
Narrow VDC Regulator/Charger with SMBus Interface
logo
Intersil Corporation
ISL88750 INTERSIL-ISL88750 Datasheet
107Kb / 2P
Narrow VDC (NVDC) Battery Charger with SMBus Interface
April 22, 2016
logo
Renesas Technology Corp
ISL9538B RENESAS-ISL9538B Datasheet
214Kb / 3P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface
Oct 24, 2019
ISL9538C RENESAS-ISL9538C Datasheet
169Kb / 3P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface
Aug 19, 2021
ISL9520 RENESAS-ISL9520 Datasheet
162Kb / 2P
Narrow VDC Regulator/Charger with SMBus Interface
Rev 1.00 March 6, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com