Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9520 Datasheet (PDF) - Renesas Technology Corp

ISL9520 Datasheet PDF - Renesas Technology Corp
Part # ISL9520
Download  ISL9520 Download
File Size   162.97 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Narrow VDC Regulator/Charger with SMBus Interface

ISL9520 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9520 Datasheet PDF - Renesas Technology Corp

Part # ISL9520
Download  ISL9520 Click to download

File Size   162.97 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Narrow VDC Regulator/Charger with SMBus Interface

ISL9520 Datasheet (HTML) - Renesas Technology Corp


ISL9520 Product details

Applications
• Ultrabooks
• Notebook computers
• Tablet PCs
• Portable equipment with rechargeable batteries

Features
• ±0.5% system voltage accuracy (-10°C to +100°C)
• ±3% accurate input current limit (-10°C to +100°C)
• ±3% accurate battery charge current limit
• Variable switching frequency at light load conditions for
higher efficiency
• Fixed frequency operation at higher loads
- Fixed frequency mode can be forced by an external pin
• Trickle charge system for deeply discharged batteries
- Automatic trickle charge current (256mA)
- Holds minimum voltage to system
• SMBus 2-wire serial interface
• Default system voltage values for 2-cell, 3-cell or 4-cell
operation selected by an external pin
• Adapter in-rush FET control
• Adapter isolation FET control
• Battery short circuit protection
• Fast system-load transient response
• Monitor outputs
- Adapter and battery discharge current
- AC-adapter present indicator
• 11-bit max system voltage setting
• 7-bit min system voltage setting
• 6-bit charge current setting
- Over 8A battery charger current
• 6-bit adapter current setting
- Over 8A adapter current
• +9V to +22V adapter voltage range
• VOUT from 2.5V to 19V in 16mV increments
• High efficiency at loads < 0.5W for Energy Star 2013 and
ErP lot 6
- 250mW from adapter with 170mW to the load
• Turbo mode support
- Pulse-by-pulse response to limit adapter current
- BGATE on in Turbo mode
• Pb-Free (RoHS compliant)




Similar Part No. - ISL9520

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95210 INTERSIL-ISL95210 Datasheet
1Mb / 19P
10A Synchronous Buck Regulator with Integrated Power MOSFETs
June 2, 2011
logo
Renesas Technology Corp
ISL95210 RENESAS-ISL95210 Datasheet
1Mb / 20P
High Efficiency 5V, 10A Buck Regulator
logo
Intersil Corporation
ISL95210EVAL1Z INTERSIL-ISL95210EVAL1Z Datasheet
1Mb / 19P
10A Synchronous Buck Regulator with Integrated Power MOSFETs
June 2, 2011
logo
Renesas Technology Corp
ISL95210EVAL1Z RENESAS-ISL95210EVAL1Z Datasheet
1Mb / 20P
High Efficiency 5V, 10A Buck Regulator
logo
Intersil Corporation
ISL95210HRZ INTERSIL-ISL95210HRZ Datasheet
1Mb / 19P
10A Synchronous Buck Regulator with Integrated Power MOSFETs
June 2, 2011
More results


Similar Description - ISL9520

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9518 INTERSIL-ISL9518 Datasheet
450Kb / 25P
Narrow VDC Regulator/Charger with SMBus Interface
December 8, 2008
ISL9519HRTZ INTERSIL-ISL9519HRTZ Datasheet
90Kb / 3P
Narrow VDC Regulator/Charger with SMBus Interface
ISL9519IRTZ INTERSIL-ISL9519IRTZ Datasheet
101Kb / 3P
Narrow VDC Regulator/Charger with SMBus Interface
ISL9519CHRZ INTERSIL-ISL9519CHRZ Datasheet
103Kb / 3P
Narrow VDC Regulator/Charger with SMBus Interface and Internal Switching FETs
logo
Renesas Technology Corp
ISL88750 RENESAS-ISL88750 Datasheet
187Kb / 2P
Narrow VDC (NVDC) Battery Charger with SMBus Interface
ISL6258 RENESAS-ISL6258 Datasheet
185Kb / 2P
Narrow VDC Regulator/Charger with SMBus Interface
logo
Intersil Corporation
ISL88750 INTERSIL-ISL88750 Datasheet
107Kb / 2P
Narrow VDC (NVDC) Battery Charger with SMBus Interface
April 22, 2016
logo
Renesas Technology Corp
ISL9519 RENESAS-ISL9519 Datasheet
153Kb / 2P
Narrow VDC Regulator/Charger with SMBus Interface
March 1, 2012
ISL9538B RENESAS-ISL9538B Datasheet
214Kb / 3P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface
Oct 24, 2019
ISL9538C RENESAS-ISL9538C Datasheet
169Kb / 3P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface
Aug 19, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com