Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9538C Datasheet (PDF) - Renesas Technology Corp

ISL9538C Datasheet PDF - Renesas Technology Corp
Part # ISL9538C
Download  ISL9538C Download
File Size   169.5 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Buck-Boost Narrow VDC Battery Charger with SMBus Interface

ISL9538C Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9538C Datasheet PDF - Renesas Technology Corp

Part # ISL9538C
Download  ISL9538C Click to download

File Size   169.5 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Buck-Boost Narrow VDC Battery Charger with SMBus Interface

ISL9538C Datasheet (HTML) - Renesas Technology Corp


ISL9538C Product details

Features
• Buck-boost NVDC charger for 2-, 3-, or 4-cell Li-ion
batteries
• Input voltage range: 3.9V to 23.4V (no dead zone)
• System output voltage: 2.4V to 18.304V
• Autonomous charging option (automatic completion
of charging)
• Pass-Through mode in forward direction
• System power monitor PSYS output, IMVP
compliant
• Up to 1MHz switching frequency
• Adapter current and battery current monitor
(AMON/BMON)
• PROCHOT# open-drain output, IMVP compliant
• Allows trickle charging of depleted battery
• Ideal diode control in Turbo mode
• Two-level adapter current limit available
• 100% 2-FET Buck only mode option
• Battery Ship mode option
• SMBus and auto-increment I2C compatible
• 4x4 32 Ld TQFN package
Applications
• 2- to 4-cell tablets, Ultrabooks, notebooks, power
banks, and any USB-C interface portable device
requiring batteries




Similar Part No. - ISL9538C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9538B RENESAS-ISL9538B Datasheet
214Kb / 3P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface
Oct 24, 2019
More results


Similar Description - ISL9538C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9237 INTERSIL-ISL9237 Datasheet
864Kb / 40P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
July 7, 2016
ISL9238 INTERSIL-ISL9238 Datasheet
1Mb / 45P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
November 9, 2016
logo
Renesas Technology Corp
ISL9237 RENESAS-ISL9237 Datasheet
1Mb / 40P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
ISL88750 RENESAS-ISL88750 Datasheet
187Kb / 2P
Narrow VDC (NVDC) Battery Charger with SMBus Interface
logo
Intersil Corporation
ISL88750 INTERSIL-ISL88750 Datasheet
107Kb / 2P
Narrow VDC (NVDC) Battery Charger with SMBus Interface
April 22, 2016
logo
Renesas Technology Corp
ISL9238 RENESAS-ISL9238 Datasheet
192Kb / 2P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 19, 2019
ISL9238B RENESAS-ISL9238B Datasheet
213Kb / 3P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 9, 2019
ISL9238C RENESAS-ISL9238C Datasheet
82Kb / 2P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Aug 19, 2021
ISL9538B RENESAS-ISL9538B Datasheet
214Kb / 3P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface
Oct 24, 2019
ISL9238A RENESAS-ISL9238A Datasheet
2Mb / 45P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com