Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9237 Datasheet (PDF) - Intersil Corporation

ISL9237 Datasheet PDF - Intersil Corporation
Part # ISL9237
Download  ISL9237 Download
File Size   864.19 Kbytes
Page   40 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG

ISL9237 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9237 Datasheet PDF - Intersil Corporation

Part # ISL9237
Download  ISL9237 Click to download

File Size   864.19 Kbytes
Page   40 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG

ISL9237 Datasheet (HTML) - Intersil Corporation


ISL9237 Product details

The ISL9237 is a buck-boost Narrow Output Voltage DC (NVDC)
charger utilizing Intersil’s advanced R3™ Technology to provide
high light-load efficiency, fast transient response and seamless
DCM/CCM transitions for a variety of mobile and industrial
applications.
In Charge mode, the ISL9237 takes input power from a wide
range of DC power sources (conventional AC/DC charger
adapters, USB PD ports, travel adapters, etc.) and safely charges
battery packs with up to 3 cells in a series configuration.
ISL9237 supports On-the-Go (OTG) function for 2- and 3-cell
battery applications. When OTG function is enabled, the ISL9237
operates in the reverse Buck mode to provide 5V at the USB port.
As a NVDC topology charger, it also regulates the system output
to a narrow DC range for stable system bus voltage. The system
power can be provided from the adapter, battery or a
combination of both. The ISL9237 can operate with only a
battery, only an adapter or both connected. For Intel IMVP8
compliant systems, the ISL9237 includes PSYS functionality,
which provides an analog signal representing total platform
power. The PSYS output will connect to a wide range of Intersil
IMVP8 core regulators to provide an IMVP8 compliant power
domain function.
The ISL9237 has serial communication via SMBus/I2C that
allows programming of many critical parameters to deliver a
customized solution. These programming parameters include,
but are not limited to: Adapter current limit, charger current limit,
system voltage setting and trickle charging current limit.

Features
• Buck-boost NVDC charger for 1-, 2- or 3-cell Li-ion batteries
• Input voltage range 3.2V to 23.4V (no dead zone)
• System output voltage 2.4V to 13.824V
• System power monitor PSYS output, IMVP-8 compliant
• Up to 1MHz switching frequency
• LDO output for charger VDD
• Adapter current monitor (AMON)
• Battery discharging current monitor (BMON)
• PROCHOT# open-drain output, IMVP-8 compliant
• Allows trickle charging of depleted battery
• Optional ASGATE FET control
• Ideal diode control in Turbo mode
• Supports OTG function for 2- and 3-cell batteries
• SMBus and auto-increment I2C compatible
• Two-level adapter current limit available
• Pb-free (RoHS compliant)
• Package 4x4 32 Ld QFN

Applications
• Mobile devices with rechargeable batteries
• Industrial devices with rechargeable batteries




Similar Part No. - ISL9237

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9237 RENESAS-ISL9237 Datasheet
1Mb / 40P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
ISL9237EVAL2Z RENESAS-ISL9237EVAL2Z Datasheet
1Mb / 40P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
ISL9237HRZ RENESAS-ISL9237HRZ Datasheet
1Mb / 40P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
More results


Similar Description - ISL9237

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9238 INTERSIL-ISL9238 Datasheet
1Mb / 45P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
November 9, 2016
logo
Renesas Technology Corp
ISL9237 RENESAS-ISL9237 Datasheet
1Mb / 40P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
ISL95538B RENESAS-ISL95538B Datasheet
277Kb / 3P
Buck-Boost Narrow VDC Battery Charger for Power Bank Application with SMBus Interface and USB OTG
ISL9238 RENESAS-ISL9238 Datasheet
192Kb / 2P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 19, 2019
ISL9238B RENESAS-ISL9238B Datasheet
213Kb / 3P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 9, 2019
ISL9238C RENESAS-ISL9238C Datasheet
82Kb / 2P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Aug 19, 2021
ISL9538B RENESAS-ISL9538B Datasheet
214Kb / 3P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface
Oct 24, 2019
ISL9538C RENESAS-ISL9538C Datasheet
169Kb / 3P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface
Aug 19, 2021
ISL95538B RENESAS-ISL95538B_V01 Datasheet
209Kb / 3P
Buck-Boost Narrow VDC Battery Charger for Power Bank Application with SMBus Interface and USB OTG
Jan 23, 2019
ISL9238A RENESAS-ISL9238A Datasheet
2Mb / 45P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com