Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9238B Datasheet (PDF) - Renesas Technology Corp

ISL9238B Datasheet PDF - Renesas Technology Corp
Part # ISL9238B
Download  ISL9238B Download
File Size   213.19 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG

ISL9238B Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9238B Datasheet PDF - Renesas Technology Corp

Part # ISL9238B
Download  ISL9238B Click to download

File Size   213.19 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG

ISL9238B Datasheet (HTML) - Renesas Technology Corp


ISL9238B Product details

Features
• Buck-boost NVDC charger for 2-, 3-, or 4-cell Li-ion
batteries
• Input voltage range: 3.2V to 23.4V (no dead zone)
• System output voltage: 2.4V to 18.304V
• Autonomous charging option (automatic completion
of charging)
• Pass-Through mode in forward direction
• System power monitor PSYS output, IMVP
compliant
• Up to 1MHz switching frequency
• Adapter current and battery current monitor
(AMON/BMON)
• PROCHOT# open-drain output, IMVP compliant
• Allows trickle charging of depleted battery
• Ideal diode control in Turbo mode
• Reverse buck, boost, and buck-boost operation from battery
• Two-level adapter current limit available
• Battery Ship mode option
• SMBus and auto-increment I2C compatible
• 4x4 32 Ld TQFN package
Applications
• 2- to 4-cell tablets, Ultrabooks, notebooks, power
banks, and any USB-C interface portable device
requiring batteries




Similar Part No. - ISL9238B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9238 INTERSIL-ISL9238 Datasheet
1Mb / 45P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
November 9, 2016
logo
Renesas Technology Corp
ISL9238 RENESAS-ISL9238 Datasheet
192Kb / 2P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 19, 2019
ISL9238 RENESAS-ISL9238 Datasheet
2Mb / 45P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
logo
Intersil Corporation
ISL9238A INTERSIL-ISL9238A Datasheet
1Mb / 45P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
November 9, 2016
logo
Renesas Technology Corp
ISL9238A RENESAS-ISL9238A Datasheet
2Mb / 45P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
More results


Similar Description - ISL9238B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9237 INTERSIL-ISL9237 Datasheet
864Kb / 40P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
July 7, 2016
ISL9238 INTERSIL-ISL9238 Datasheet
1Mb / 45P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
November 9, 2016
logo
Renesas Technology Corp
ISL9237 RENESAS-ISL9237 Datasheet
1Mb / 40P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
ISL95538B RENESAS-ISL95538B Datasheet
277Kb / 3P
Buck-Boost Narrow VDC Battery Charger for Power Bank Application with SMBus Interface and USB OTG
ISL9238 RENESAS-ISL9238 Datasheet
192Kb / 2P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 19, 2019
ISL9238C RENESAS-ISL9238C Datasheet
82Kb / 2P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Aug 19, 2021
ISL9538B RENESAS-ISL9538B Datasheet
214Kb / 3P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface
Oct 24, 2019
ISL9538C RENESAS-ISL9538C Datasheet
169Kb / 3P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface
Aug 19, 2021
ISL95538B RENESAS-ISL95538B_V01 Datasheet
209Kb / 3P
Buck-Boost Narrow VDC Battery Charger for Power Bank Application with SMBus Interface and USB OTG
Jan 23, 2019
ISL9238A RENESAS-ISL9238A Datasheet
2Mb / 45P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com