Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9238A Datasheet (PDF) - Intersil Corporation

ISL9238A Datasheet PDF - Intersil Corporation
Part # ISL9238A
Download  ISL9238A Download
File Size   1415.42 Kbytes
Page   45 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG

ISL9238A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9238A Datasheet PDF - Intersil Corporation

Part # ISL9238A
Download  ISL9238A Click to download

File Size   1415.42 Kbytes
Page   45 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG

ISL9238A Datasheet (HTML) - Intersil Corporation


ISL9238A Product details

The ISL9238 and ISL9238A are buck-boost Narrow Output
Voltage DC (NVDC) chargers. The ISL9238 and ISL9238A
provide the NVDC charging function, system bus regulation
and protection features for tablet, ultrabook, notebook, power
bank and any USB-C interface platform. Intersil’s advanced
R3™ Technology is used to provide high light-load efficiency
and fast transient response.
In Charging mode the ISL9238 and ISL9238A takes input power
from a wide range of DC power sources (conventional AC/DC
charger adapters, USB PD ports, travel adapters, etc.) and safely
charges battery packs with up to 4-series cell Li-ion batteries.
As a NVDC topology charger, it also regulates the system output to
a narrow DC range for stable system bus voltage. The system
power can be provided from the adapter, battery or a combination
of both. The ISL9238 and ISL9238A can operate with only a
battery, only an adapter or both connected. For Intel IMVP8
compliant systems the ISL9238 and ISL9238A includes PSYS
(System power monitor) functionality, which provides an analog
signal representing total platform power. The PSYS output will
connect to a wide range of Intersil IMVP8 core regulators to
provide an IMVP8 compliant power domain function.
The ISL9238 and ISL9238A support reverse buck, boost, or
buck-boost operation to input port from 2- to 4-cell batteries.
The ISL9238 and ISL9238A have serial communication via
SMBus/I2C that allows programming of many critical
parameters to deliver a customized solution.
The ISL9238A is exactly same as ISL9238, but it has different
SMBus addresses for customers who use two battery chargers
in one system.

Features
• Buck-boost NVDC charger for 1-, 2-, 3-, or 4-cell Li-ion batteries
• Input voltage range 3.2V to 23.4V (no dead zone)
• System output voltage 2.4V to 18.304V
• Autonomous charging option (automatic end of charging)
• System power monitor PSYS output, IMVP compliant
• Up to 1MHz switching frequency
• Adapter current and battery current monitor (AMON/BMON)
• PROCHOT# open-drain output, IMVP compliant
• Allows trickle charging of depleted battery
• Ideal diode control in Turbo mode
• Reverse buck, boost and buck-boost operation from battery
• Two-level adapter current limit available
• Battery Ship mode option
• SMBus and auto-increment I2C compatible
• Package 4x4 32 Ld TQFN

Applications
• 1 to 4-cell tablet, ultrabook, notebook, power bank, and any
USB-C interface portable device requiring batteries




Similar Part No. - ISL9238A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9238A RENESAS-ISL9238A Datasheet
2Mb / 45P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
ISL9238AHRTZ RENESAS-ISL9238AHRTZ Datasheet
2Mb / 45P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
ISL9238AIRTZ RENESAS-ISL9238AIRTZ Datasheet
2Mb / 45P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
More results


Similar Description - ISL9238A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9237 INTERSIL-ISL9237 Datasheet
864Kb / 40P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
July 7, 2016
logo
Renesas Technology Corp
ISL9237 RENESAS-ISL9237 Datasheet
1Mb / 40P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
ISL95538B RENESAS-ISL95538B Datasheet
277Kb / 3P
Buck-Boost Narrow VDC Battery Charger for Power Bank Application with SMBus Interface and USB OTG
ISL9238 RENESAS-ISL9238 Datasheet
192Kb / 2P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 19, 2019
ISL9238B RENESAS-ISL9238B Datasheet
213Kb / 3P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 9, 2019
ISL9238C RENESAS-ISL9238C Datasheet
82Kb / 2P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Aug 19, 2021
ISL9538B RENESAS-ISL9538B Datasheet
214Kb / 3P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface
Oct 24, 2019
ISL9538C RENESAS-ISL9538C Datasheet
169Kb / 3P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface
Aug 19, 2021
ISL95538B RENESAS-ISL95538B_V01 Datasheet
209Kb / 3P
Buck-Boost Narrow VDC Battery Charger for Power Bank Application with SMBus Interface and USB OTG
Jan 23, 2019
ISL9238A RENESAS-ISL9238A Datasheet
2Mb / 45P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com