Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL95338 Datasheet (PDF) - Renesas Technology Corp

ISL95338 Datasheet PDF - Renesas Technology Corp
Part # ISL95338
Download  ISL95338 Download
File Size   840.98 Kbytes
Page   51 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Bidirectional Buck-Boost Voltage Regulator

ISL95338 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL95338 Datasheet PDF - Renesas Technology Corp

Part # ISL95338
Download  ISL95338 Click to download

File Size   840.98 Kbytes
Page   51 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Bidirectional Buck-Boost Voltage Regulator

ISL95338 Datasheet (HTML) - Renesas Technology Corp


ISL95338 Product details

Features
Bidirectional buck, boost, and buck-boost operation
Input voltage range: 3.8V to 24V (no dead zone)
Output voltage: up to 20V
Up to 1MHz switching frequency
Programmable soft-start time
LDO output for VDD and VDDP
System status alert function
Bidirectional internal discharge function
Active switching for negative voltage transitions
Bypass mode in both directions
Forward mode enable, Reverse mode enable
OCP, OVP, UVP, and OTP protection
SMBus and auto-increment I2C compatible
Pb-free (RoHS compliant)
32 Ld 4x4 TQFN Package
Applications
Tablets, Ultrabooks, power banks, mobile devices,
and USB-C




Similar Part No. - ISL95338

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95338 RENESAS-ISL95338 Datasheet
1Mb / 48P
Bidirectional Buck-Boost Voltage Regulator
ISL95338 RENESAS-ISL95338 Datasheet
2Mb / 52P
Bidirectional Buck-Boost Voltage Regulator
Oct 21, 2021
ISL95338EVAL1Z RENESAS-ISL95338EVAL1Z Datasheet
1Mb / 48P
Bidirectional Buck-Boost Voltage Regulator
ISL95338HRTZ RENESAS-ISL95338HRTZ Datasheet
1Mb / 48P
Bidirectional Buck-Boost Voltage Regulator
ISL95338IRTZ RENESAS-ISL95338IRTZ Datasheet
1Mb / 48P
Bidirectional Buck-Boost Voltage Regulator
More results


Similar Description - ISL95338

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1142 MICROCHIP-TC1142 Datasheet
419Kb / 12P
Inductorless -2x Boost/Buck Regulator
2002
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
Buck-Boost Regulator
03-Aug-09
logo
Linear Technology
LTC3110 LINER-LTC3110_15 Datasheet
620Kb / 36P
2A Bidirectional Buck-Boost DC/DC Regulator and Charger/Balancer
logo
Allegro MicroSystems
A4409 ALLEGRO-A4409 Datasheet
1Mb / 30P
Buck or buck-boost pre-regulator
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
Buck-Boost Regulator
November 2016 Rev. 1.4
FAN49101 ONSEMI-FAN49101 Datasheet
484Kb / 4P
TinyPower I2C Buck-Boost Regulator
September 2016 Rev.1.1
FAN49103 ONSEMI-FAN49103 Datasheet
1Mb / 21P
TinyPower I2C Buck-Boost Regulator
December 2017 Rev.2
logo
Linear Technology
LTC3110 LINER-LTC3110 Datasheet
298Kb / 6P
2A, Bidirectional Buck-Boost DC/DC Regulator and Charger/Balancer
logo
Renesas Technology Corp
ISL95338 RENESAS-ISL95338 Datasheet
1Mb / 48P
Bidirectional Buck-Boost Voltage Regulator
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
Buck-Boost Regulator
03-Aug-09
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com