Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR Datasheet (PDF) - Vishay Siliconix

BCR Datasheet PDF - Vishay Siliconix
Part # BCR
Download  BCR Download
File Size   76.45 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thin Film, Back-Contact Resistor

BCR Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR Datasheet PDF - Vishay Siliconix

Part # BCR
Download  BCR Click to download

File Size   76.45 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thin Film, Back-Contact Resistor

BCR Datasheet (HTML) - Vishay Siliconix


BCR Product details

FEATURES
• Wire bondable
• Only one wire bond required
• Small size: 0.020 inches square
• Resistance range: 10  to 1 M
• Oxidized silicon substrate for good power
dissipation
• Moisture resistant
• Case size: 0202
• Resistor material: tantalum nitride, self-passivating
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - BCR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BCR VISHAY-BCR Datasheet
102Kb / 3P
Thin Film, Back-Contact Resistor
12-Mar-08
logo
Renesas Technology Corp
BCR08AM RENESAS-BCR08AM Datasheet
93Kb / 6P
LOW POWER USE PLANAR PASSIVATION TYPE
BCR08AM RENESAS-BCR08AM Datasheet
94Kb / 6P
MITSUBISHI SEMICONDUCTOR
BCR08AM-12 RENESAS-BCR08AM-12 Datasheet
134Kb / 7P
Triac Low Power Use
BCR08AM-12A RENESAS-BCR08AM-12A Datasheet
114Kb / 7P
Triac Low Power Use
More results


Similar Description - BCR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BCR VISHAY-BCR Datasheet
102Kb / 3P
Thin Film, Back-Contact Resistor
12-Mar-08
BCR VISHAY-BCR_15 Datasheet
77Kb / 3P
Thin Film, Back-Contact Resistor
25-Feb-13
MSFM VISHAY-MSFM Datasheet
82Kb / 3P
Thin Film, Top-Contact Miniature Resistor
26-Jan-15
QFM VISHAY-QFM Datasheet
75Kb / 3P
Thin Film, Top-Contact Resistor
05-Apr-13
QFN VISHAY-QFN Datasheet
77Kb / 3P
NiCr Thin Film, Top-Contact Resistor
05-Apr-13
QFX VISHAY-QFX Datasheet
75Kb / 3P
Thin Film, Top-Contact Megohm Resistor
05-Apr-13
SC3 VISHAY-SC3_15 Datasheet
138Kb / 3P
NiCr Thin Film, Top-Contact Resistor
05-Apr-13
SFM VISHAY-SFM Datasheet
74Kb / 3P
Thin Film Top-Contact Resistor
25-Feb-13
SFN VISHAY-SFN Datasheet
96Kb / 3P
NiCr Thin Film, Top-Contact Resistor
11-Sep-13
IGBR VISHAY-IGBR Datasheet
144Kb / 5P
Thin Film, High Power Back-Contact Resistor
29-Mar-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com