Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BCR
Description  Thin Film, Back-Contact Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BCR Datasheet(HTML) 1 Page - Vishay Siliconix

  BCR Datasheet HTML 1Page - Vishay Siliconix BCR Datasheet HTML 2Page - Vishay Siliconix BCR Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BCR
www.vishay.com
Vishay Electro-Films
Revision: 26-Oct-2020
1
Document Number: 61023
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film, Back-Contact Resistor
Product may not be to scale
LINKS TO ADDITIONAL RESOURCES
The Back Contact Resistor (BCR) series single-value
back-contact resistor chip is one of the smallest chips
available.
The BCR requires only one wire bond thus saving hybrid
space.
The BCRs are manufactured using Vishay Electro-Films
(EFI) sophisticated thin film equipment and manufacturing
technology. The BCRs are 100 % electrically tested and
visually inspected to MIL-STD-883, method 2032 class H
or K.
FEATURES
• Wire bondable
• Only one wire bond required
• Small size: 0.020 inches square
• Resistance range: 10
 to 1 M
• Oxidized silicon substrate for good power
dissipation
• Moisture resistant
• Case size: 0202
• Resistor material: tantalum nitride, self-passivating
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Vishay EFI BCR resistor chips are widely used in hybrid
packages where space is limited. The bottom connection is
made by attaching the back of the chip to the substrate
either eutectic or with conductive epoxy. The single wire
bond is made to the notched pad on the top of the chip. (The
other rectangular pad on the top of the chip is a via hole, a
low-ohmic contact connecting the resistor to the bottom of
the chip.)
333
DDD3 D
3D Models
TEMPERATURE COEFFICIENT OF RESISTANCE, VALUES, AND TOLERANCES
PARAMETER
VALUE
UNIT
Total resistance range
10 to 1M
Standard tolerances
± 0.1, ± 0.2, ± 0.5, ± 1, ± 2, ± 5
%
TCR
± 25, ± 50, ± 100, ± 250
ppm/°C
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Noise, MIL-STD-202, method 308
100
 to 250 k
< 100
 or > 251 k
-35 typ.
-20 typ.
dB
Moisture resistance, MIL-STD-202, method 106
± 0.5 max.
R/R
%
Stability, 1000 h, +125 °C, 125 mW
± 1.0 max.
R/R
%
Operating temperature range
-55 to +125
°C
Thermal shock, MIL-STD-202, method 107, test condition F
± 0.25 max.
R/R
%
High temperature exposure, +150 °C, 100 h
± 0.5 max.
R/R
%
Dielectric voltage breakdown
200
V
Insulation resistance
1012 min.
Operating voltage
75 max.
V
DC power rating at +70 °C (derated to zero at +175 °C)
0.250
W
5 x rated power short-time overload, +25 °C, 5 s
± 0.25 max.
R/R
%
0.1 %
Tightest Standard Tolerance Available
± 250 ppm/°C
± 50 ppm/°C
± 100 ppm/°C
0.2 %
1 M
Ω
100
Ω
10
Ω
200 k
Ω
± 25 ppm/°C
20
Ω 50 Ω
200
Ω 1 kΩ
360 k
Ω
620 k
Ω
0.5 %
1 %
2 %
5 %


Similar Part No. - BCR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BCR VISHAY-BCR Datasheet
102Kb / 3P
Thin Film, Back-Contact Resistor
12-Mar-08
logo
Renesas Technology Corp
BCR08AM RENESAS-BCR08AM Datasheet
93Kb / 6P
LOW POWER USE PLANAR PASSIVATION TYPE
BCR08AM RENESAS-BCR08AM Datasheet
94Kb / 6P
MITSUBISHI SEMICONDUCTOR
BCR08AM-12 RENESAS-BCR08AM-12 Datasheet
134Kb / 7P
Triac Low Power Use
BCR08AM-12A RENESAS-BCR08AM-12A Datasheet
114Kb / 7P
Triac Low Power Use
More results

Similar Description - BCR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BCR VISHAY-BCR Datasheet
102Kb / 3P
Thin Film, Back-Contact Resistor
12-Mar-08
BCR VISHAY-BCR_15 Datasheet
77Kb / 3P
Thin Film, Back-Contact Resistor
25-Feb-13
MSFM VISHAY-MSFM Datasheet
82Kb / 3P
Thin Film, Top-Contact Miniature Resistor
26-Jan-15
QFM VISHAY-QFM Datasheet
75Kb / 3P
Thin Film, Top-Contact Resistor
05-Apr-13
QFN VISHAY-QFN Datasheet
77Kb / 3P
NiCr Thin Film, Top-Contact Resistor
05-Apr-13
QFX VISHAY-QFX Datasheet
75Kb / 3P
Thin Film, Top-Contact Megohm Resistor
05-Apr-13
SC3 VISHAY-SC3_15 Datasheet
138Kb / 3P
NiCr Thin Film, Top-Contact Resistor
05-Apr-13
SFM VISHAY-SFM Datasheet
74Kb / 3P
Thin Film Top-Contact Resistor
25-Feb-13
SFN VISHAY-SFN Datasheet
96Kb / 3P
NiCr Thin Film, Top-Contact Resistor
11-Sep-13
IGBR VISHAY-IGBR Datasheet
144Kb / 5P
Thin Film, High Power Back-Contact Resistor
29-Mar-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com