Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT813Q-R Datasheet (PDF) - Bridgetek Pte Ltd.

FT813Q-R Datasheet PDF - Bridgetek Pte Ltd.
Part # FT813Q-R
Download  FT813Q-R Download
File Size   1204.61 Kbytes
Page   63 Pages
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.
Description Advanced Embedded Video Engine

FT813Q-R Datasheet (PDF)

Go To PDF Page Download Datasheet
FT813Q-R Datasheet PDF - Bridgetek Pte Ltd.

Part # FT813Q-R
Download  FT813Q-R Click to download

File Size   1204.61 Kbytes
Page   63 Pages
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.
Description Advanced Embedded Video Engine

FT813Q-R Datasheet (HTML) - Bridgetek Pte Ltd.


FT813Q-R Product details

 Advanced Embedded Video Engine(EVE) with
high resolution graphics and video playback
 FT81x functionality includes graphic control,
audio control, and touch control interface.
 Pinout backward compatible with FT800
(FT810) and FT801 (FT811).
 Support multiple widgets for simplified design
implementation
 Built-in graphics operations allow users with
little expertise to create high-quality displays
 Support 4-wire resistive touch screen
(FT810/FT812)
 Support capacitive touch screen with up to 5
touches detection (FT811/FT813)
 Hardware engine can recognize touch tags and
track touch movement. Provides notification for
up to 255 touch tags.
 Enhanced sketch processing
 Programmable interrupt controller provides
interrupts to host MCU
 Built-in 12MHz crystal oscillator with PLL
providing programmable system clock up to
60MHz
 Clock switch command for internal or external
clock source. External 12MHz crystal or clock
input can be used for higher accuracy.
 Video RGB parallel output; configurable to
support PCLK up to 60MHz and R/G/B output of
1 to 8 bits
 Programmable timing to adjust HSYNC and
VSYNC timing, enabling interface to numerous
displays
 Support for LCD display with resolution up to
SVGA (800x600) and formats with data enable
(DE) mode or VSYNC/HSYNC mode
 Support landscape and portrait orientations
 Display enable control output to LCD panel
 Integrated 1MByte graphics RAM, no frame
buffer RAM required
 Support playback of motion-JPEG encoded AVI
videos
 Mono audio channel output with PWM output
 Built-in sound synthesizer
 Audio wave playback for mono 8-bit linear PCM,
4-bit ADPCM and μ-Law coding format at
sampling frequencies from 8 kHz to 48 kHz.
Built-in digital filter reduces the system design
complexity of external filtering
 PWM output for display backlight dimming
control
 Advanced object oriented architecture enables
low cost MPU/MCU as system host using SPI
interfaces
 Support SPI data lines in single, dual or quad
mode; SPI clock up to 30MHz
 Power mode control allows the chip to be put in
power down, sleep and standby states
 Supports I/O voltage from 1.8V to 3.3V
 Internal voltage regulator supplies 1.2V to the
digital core
 Build-in Power-on-reset circuit
 -40°C to 85°C extended operating temperature
range
 Available in a compact Pb-free, VQFN-48 and
VQFN-56 package, RoHS compliant




Similar Part No. - FT813Q-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT813Q FTDI-FT813Q Datasheet
2Mb / 60P
Embedded Video Engine
More results


Similar Description - FT813Q-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT800 FTDI-FT800 Datasheet
1Mb / 55P
Embedded Video Engine
VM800C FTDI-VM800C Datasheet
1Mb / 22P
Embedded Video Engine Credit Card Board
FT810Q-X FTDI-FT810Q-X Datasheet
2Mb / 60P
Embedded Video Engine
logo
List of Unclassifed Man...
FT81X ETC-FT81X Datasheet
1Mb / 63P
FT81X Embedded Video Engine Datasheet
Version 1.4
logo
Bridgetek Pte Ltd.
BT815Q BRIDGETEK-BT815Q Datasheet
2Mb / 64P
Embedded Video Engine
Version 1.0
BT817 BRIDGETEK-BT817 Datasheet
2Mb / 59P
Advanced Embedded Video Engine Datasheet
Version 1.1
BT817A BRIDGETEK-BT817A Datasheet
1Mb / 58P
Automotive Advanced Video Engine
Version 1.0
FT800Q BRIDGETEK-FT800Q Datasheet
1Mb / 46P
Embedded Video Engine
Version 1.4
FT801 BRIDGETEK-FT801 Datasheet
1Mb / 44P
Embedded Video Engine
Version 1.3
VI800A-N485U BRIDGETEK-VI800A-N485U Datasheet
677Kb / 16P
Embedded Video Engine Plus module
Version 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com