Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT813Q-R Datasheet(PDF) 1 Page - Bridgetek Pte Ltd.

Part # FT813Q-R
Description  Advanced Embedded Video Engine
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT813Q-R Datasheet(HTML) 1 Page - Bridgetek Pte Ltd.

  FT813Q-R Datasheet HTML 1Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 2Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 3Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 4Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 5Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 6Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 7Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 8Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 9Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
Copyright © Bridgetek Pte Ltd
1
FT81X Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000002 Clearance No.: BRT#004
Bridgetek Pte Ltd
FT81x
(Advanced Embedded Video Engine)
The FT81x is a series of easy to use graphic
controllers targeted at embedded applications to
generate high-quality Human Machine Interfaces
(HMIs). It has the following features:
Advanced Embedded Video Engine(EVE) with
high resolution graphics and video playback
FT81x functionality includes graphic control,
audio control, and touch control interface.
Pinout
backward
compatible
with
FT800
(FT810) and FT801 (FT811).
Support multiple widgets for simplified design
implementation
Built-in graphics operations allow users with
little expertise to create high-quality displays
Support
4-wire
resistive
touch
screen
(FT810/FT812)
Support capacitive touch screen with up to 5
touches detection (FT811/FT813)
Hardware engine can recognize touch tags and
track touch movement. Provides notification for
up to 255 touch tags.
Enhanced sketch processing
Programmable interrupt controller provides
interrupts to host MCU
Built-in 12MHz crystal oscillator with PLL
providing programmable system clock up to
60MHz
Clock switch command for internal or external
clock source. External 12MHz crystal or clock
input can be used for higher accuracy.
Video RGB parallel output; configurable to
support PCLK up to 60MHz and R/G/B output of
1 to 8 bits
Programmable timing to adjust HSYNC and
VSYNC timing, enabling interface to numerous
displays
Support for LCD display with resolution up to
SVGA (800x600) and formats with data enable
(DE) mode or VSYNC/HSYNC mode
Support landscape and portrait orientations
Display enable control output to LCD panel
Integrated 1MByte graphics RAM, no frame
buffer RAM required
Support playback of motion-JPEG encoded AVI
videos
Mono audio channel output with PWM output
Built-in sound synthesizer
Audio wave playback for mono 8-bit linear PCM,
4-bit ADPCM and µ-Law coding format at
sampling frequencies from 8 kHz to 48 kHz.
Built-in digital filter reduces the system design
complexity of external filtering
PWM output for display backlight dimming
control
Advanced object oriented architecture enables
low cost MPU/MCU as system host using SPI
interfaces
Support SPI data lines in single, dual or quad
mode; SPI clock up to 30MHz
Power mode control allows the chip to be put in
power down, sleep and standby states
Supports I/O voltage from 1.8V to 3.3V
Internal voltage regulator supplies 1.2V to the
digital core
Build-in Power-on-reset circuit
-40°C to 85°C extended operating temperature
range
Available in a compact Pb-free, VQFN-48 and
VQFN-56 package, RoHS compliant
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or
reproduced in any material or electronic form without the prior written consent of the copyright holder. This product and its
documentation are supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or
implied. Bridgetek Pte Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product.
Your statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or
system in which the failure of the product might reasonably be expected to result in personal injury. This document provides
preliminary information that may be subject to change without notice. No freedom to use patents or other intellectual property
rights is implied by the publication of this document. Bridgetek Pte Ltd, 178 Paya Lebar Road, #07-03, Singapore 409030.
Singapore Registered Company Number: 201542387H


Similar Part No. - FT813Q-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT813Q FTDI-FT813Q Datasheet
2Mb / 60P
Embedded Video Engine
More results

Similar Description - FT813Q-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT800 FTDI-FT800 Datasheet
1Mb / 55P
Embedded Video Engine
VM800C FTDI-VM800C Datasheet
1Mb / 22P
Embedded Video Engine Credit Card Board
FT810Q-X FTDI-FT810Q-X Datasheet
2Mb / 60P
Embedded Video Engine
logo
List of Unclassifed Man...
FT81X ETC-FT81X Datasheet
1Mb / 63P
FT81X Embedded Video Engine Datasheet
Version 1.4
logo
Bridgetek Pte Ltd.
BT815Q BRIDGETEK-BT815Q Datasheet
2Mb / 64P
Embedded Video Engine
Version 1.0
BT817 BRIDGETEK-BT817 Datasheet
2Mb / 59P
Advanced Embedded Video Engine Datasheet
Version 1.1
BT817A BRIDGETEK-BT817A Datasheet
1Mb / 58P
Automotive Advanced Video Engine
Version 1.0
FT800Q BRIDGETEK-FT800Q Datasheet
1Mb / 46P
Embedded Video Engine
Version 1.4
FT801 BRIDGETEK-FT801 Datasheet
1Mb / 44P
Embedded Video Engine
Version 1.3
VI800A-N485U BRIDGETEK-VI800A-N485U Datasheet
677Kb / 16P
Embedded Video Engine Plus module
Version 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com