Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT813Q-R Datasheet(PDF) 40 Page - Bridgetek Pte Ltd.

Part # FT813Q-R
Description  Advanced Embedded Video Engine
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT813Q-R Datasheet(HTML) 40 Page - Bridgetek Pte Ltd.

Back Button FT813Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 43Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 44Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
Copyright © Bridgetek Pte Ltd
40
FT81X Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000002 Clearance No.: BRT#004
Pin Name
Default Drive
Reset
Normal
Power Down
(Default)
INT_N
5mA
OD, Float
OD / Out
Float
PD_N
-
In
In
In
GPIO3
5mA
In
IO
Float
X1/CLK
-
In
In
In
XP
-
IO, Float
IO
Float
YP
-
IO, Float
IO
Float
XM
-
IO, Float
IO
Float
YM
-
IO, Float
IO
Float
CTP_RST_N
5mA
Out
Out
Pull Low
CTP_INT_N
-
In (internal
pull-up)
In (internal
pull-up)
In (internal
pull-up)
CTP_SCL
20mA
OD
IO
Float
CTP_SDA
20mA
OD
IO
Float
BACKLIGHT
5mA
Out
Out
Pull Low
DE
5mA
Out
Out
Pull Low
VSYNC
5mA
Out
Out
Pull Low
HSYNC
5mA
Out
Out
Pull Low
DISP
5mA
Out
Out
Pull Low
PCLK
5mA
Out
Out
Pull Low
R/G/B
5mA
Out
Out
Pull Low
Table 4-20 Pin Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com