Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT813Q-R Datasheet(PDF) 34 Page - Bridgetek Pte Ltd.

Part # FT813Q-R
Description  Advanced Embedded Video Engine
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT813Q-R Datasheet(HTML) 34 Page - Bridgetek Pte Ltd.

Back Button FT813Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
Copyright © Bridgetek Pte Ltd
34
FT81X Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000002 Clearance No.: BRT#004
If the screen is being touched, the screen coordinates are looked up in the screen's tag buffer, delivering
a final 8-bit tag value, in REG TOUCH TAG. Because the tag lookup takes a full frame, and touch
coordinates change continuously, the original (x; y) used for the tag lookup is also available in
REG_TOUCH_TAG_XY.
Screen touch pressure is available in REG_TOUCH_RZ. The value is relative to the resistance of the touch
contact, a lower value indicates more pressure. The register defaults to 32767 when touch is not
detected. The REG_TOUCH_THRESHOLD can be set to accept a touch only when the force threshold is
exceeded.
4.7.2
Capacitive Touch Control
The Capacitive Touch Screen Engine (CTSE) of the FT81x communicates with the external capacitive
touch panel module (CTPM) through an I2C interface. The CTPM will assert its interrupt line when there is
a touch detected. Upon detecting CTP_INT_N line active, the FT81x will read the touch data through I2C.
Up to 5 touches can be reported and stored in FT81x registers.
For a supported CTPM list please consult FTDI website.
Figure 4-9 Touch screen connection
The host controls the CTSE operation mode by writing the REG_CTOUCH_MODE.
REG_CTOUCH_MODE
Mode
Description
0
OFF
Acquisition stopped
1-2
Reserved
Reserved
3
CONTINUOUS Perform acquisition continuously at the reporting rate of the
connected CTPM.
Table 4-18 Capacitive Touch Controller Operating Mode
The FT81x CTSE supports compatibility mode and extended mode. By default the CTSE runs in
compatibility mode where the touch system provides an interface very similar to the resistive touch
engine. In this mode the same application code can run on FT810/FT812 and FT811/FT813 without
alteration. In extended mode, the touch register meanings are modified, and a second set of registers are
exposed. These allow multi-touch detection (up to 5 touches).
SCL
RSTN
SDA
INTN
FT811/
FT813
CTP_SCL
CTP_SDA
CTP_INT_N
CTP_RST_N
Capacitive Touch
Panel Module
VCCIO2
(1.8-3.3V)
1K
1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com