Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT813Q-R Datasheet(PDF) 54 Page - Bridgetek Pte Ltd.

Part # FT813Q-R
Description  Advanced Embedded Video Engine
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT813Q-R Datasheet(HTML) 54 Page - Bridgetek Pte Ltd.

Back Button FT813Q-R Datasheet HTML 50Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 51Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 52Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 53Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 54Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 55Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 56Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 57Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 58Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 63 page
background image
Copyright © Bridgetek Pte Ltd
54
FT81X Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000002 Clearance No.: BRT#004
Figure 7-3 Backlight drive circuit
Figure 7-4 Audio filter and amplifier circuit
GND
C22
0.22uF
R40
4.7k
C16
2.2nF
D1
1N4148
R44
10k
C17
10uF
C18
0.1uF
R45
1R6
LED Current Sense R45
ILED=95/1.6 = 60mA
LEDK
LEDA
BL_PWM
GND
GND
GND
GND
GND
L1
NR3015T220M
VOUT
1
VIN
2
FB
6
EN
3
SW
7
U3
MIC2289
D5V
AUD_PWM
SHDN
1
BYPASS
2
IN+
3
IN-
4
VO+
5
VDD
6
GND
7
VO-
8
GND
9
U2
TPA6205A1
C19
1uF
R41
10k/1%
R36
10k/1%
R42
20k/1%
R37
20k/1%
C20
0.47uF
C21
0.22uF
AGND
R43
47k
R33
1k
C12
4.7nF
R34
1k
C13
4.7nF
R35
1k
C14
4.7nF
AGND
AGND
AGND
VDD_AUD
AUD_PD#
AGND
SP-
SP+
AGND
C10
0.1uF
VDD_AUD
C11
10nF
C9
100uF
AGND
GND
FB1
600R/1A
FB2
600R/1A
AGND
AGND
C15
0.47uF
D3V3
SP1
1W/8Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com