Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT813Q-R Datasheet(PDF) 9 Page - Bridgetek Pte Ltd.

Part # FT813Q-R
Description  Advanced Embedded Video Engine
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT813Q-R Datasheet(HTML) 9 Page - Bridgetek Pte Ltd.

Back Button FT813Q-R Datasheet HTML 5Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 6Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 7Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 8Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 9Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 10Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 11Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 12Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 13Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
Copyright © Bridgetek Pte Ltd
9
FT81X Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000002 Clearance No.: BRT#004
3.5 Pin Description
Pin Number
Pin Name
Type
Description
FT810
FT811
FT812
FT813
-
-
1
1
R1
O
Bit 1 of Red RGB signals
Powered from pin VCCIO2
-
-
2
2
R0
O
Bit 0 of Red RGB signals
Powered from pin VCCIO2
1
1
3
3
AUDIO_L
O
Audio PWM out
Powered from pin VCC
2
2
4
4
GND
P
Ground
3
3
5
5
SCK
I
SPI clock input
Powered from pin VCCIO1
4
4
6
6
MISO/IO1
I/O
SPI Single mode: SPI MISO output
SPI Dual/Quad mode: SPI data line 1
Powered from pin VCCIO1
5
5
7
7
MOSI/IO0
I/O
SPI Single mode: SPI MOSI input
SPI Dual/Quad mode: SPI data line 0
Powered from pin VCCIO1
6
6
8
8
CS_N
I
SPI slave select input
Powered from pin VCCIO1
7
7
9
9
GPIO0/IO2
I/O
SPI Single/Dual mode: General purpose IO 0
SPI Quad mode: SPI data line 2
Powered from pin VCCIO1
8
8
10
10
GPIO1/IO3
I/O
SPI Single/Dual mode: General purpose IO 1
SPI Quad mode: SPI data line 3
Powered from pin VCCIO1
9
9
11
11
VCCIO1
P
I/O power supply for host interface pins. Support
1.8V, 2.5V or 3.3V.
10
10
12
12
GPIO2
I/O
General purpose IO 2
Powered from pin VCCIO1
11
11
13
13
INT_N
OD/O
Interrupt to host, open drain output(default) or push-
pull output, active low
12
12
14
14
PD_N
I
Chip power down mode control input, active low.
Connect to MCU GPIO for power management or
hardware reset function, or pulled up to VCCIO1
through 47kΩ resistor and 100nF to ground.
Powered from pin VCCIO1
-
-
15
15
GPIO3
I/O
General purpose IO 3
Powered from pin VCCIO1
13
13
16
16
X1/CLK
I
Crystal oscillator or clock input; Connect to GND if
not used.
3.3V peak input allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com