Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT813Q-R Datasheet(PDF) 41 Page - Bridgetek Pte Ltd.

Part # FT813Q-R
Description  Advanced Embedded Video Engine
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT813Q-R Datasheet(HTML) 41 Page - Bridgetek Pte Ltd.

Back Button FT813Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 43Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 44Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 45Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
Copyright © Bridgetek Pte Ltd
41
FT81X Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000002 Clearance No.: BRT#004
5 Memory Map
All memory and registers in the FT81x core are memory mapped in 22-bit address space with a 2-bit SPI
command prefix. Prefix 0'b00 for read and 0'b10 for write to the address space, 0'b01 is reserved for
Host Commands and 0'b11 undefined. The following are the memory space definition.
Start
Address
End
Address
Size
NAME
Description
00 0000h
0F FFFFh
1024 kB
RAM_G
General purpose graphics RAM
1E 0000h
2F FFFBh
1152 kB
ROM_FONT
Font table and bitmap
2F FFFCh
2F FFFFh
4 B
ROM_FONT_ADDR
Font table pointer address
30 0000h
30 1FFFh
8 kB
RAM_DL
Display List RAM
30 2000h
30 2FFFh
4 kB
RAM_REG
Registers
30 8000h
30 8FFFh
4 kB
RAM_CMD
Command buffer
Table 5-1 FT81x Memory Map
Note 1: The addresses beyond this table are reserved and shall not be read or written unless otherwise
specified.
5.1 Registers
The tableError! Reference source not found. shows the complete list of the FT81x registers. Refer to
FT81x_Series_Programmers_Guide, Chapter 2 for details of the register function.
Address
(hex)
Register Name
Bit
s
r/
w
Reset
value
Description
302000h
REG_ID
8
r/o
7Ch
Identification register, always reads as
7Ch
302004h
REG_FRAMES
32
r/o
0
Frame counter, since reset
302008h
REG_CLOCK
32
r/o
0
Clock cycles, since reset
30200Ch
REG_FREQUENCY
28
r/w
60000000
Main clock frequency (Hz)
302010h
REG_RENDERMODE
1
r/w
0
Rendering mode: 0 = normal, 1 = single-
line
302014h
REG_SNAPY
11
r/w
0
Scanline select for RENDERMODE 1
302018h
REG_SNAPSHOT
1
r/w
-
Trigger for RENDERMODE 1
30201Ch
REG_SNAPFORMAT
6
r/w
20h
Pixel format for scanline readout
302020h
REG_CPURESET
3
r/w
2
Graphics, audio and touch engines reset
control. Bit2: audio, bit1: touch, bit0:
graphics
302024h
REG_TAP_CRC
32
r/o
-
Live video tap crc. Frame CRC is
computed every DL SWAP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com