Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT813Q-R Datasheet(PDF) 27 Page - Bridgetek Pte Ltd.

Part # FT813Q-R
Description  Advanced Embedded Video Engine
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT813Q-R Datasheet(HTML) 27 Page - Bridgetek Pte Ltd.

Back Button FT813Q-R Datasheet HTML 23Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. FT813Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
Copyright © Bridgetek Pte Ltd
27
FT81X Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000002 Clearance No.: BRT#004
PCLK frequency = System Clock frequency / REG_PCLK
The FT81x system clock frequency is programmable. Some of the possible PCLK frequencies that FT81x
supports are listed inError! Reference source not found..
REG_PCLK
System Clock Frequency (MHz)
60(default)
48
36
24
1
60
48
36
24
2
30
24
18
12
3
20
16
12
8.0
4
15
12
9.0
6.0
5
12
9.6
7.2
4.8
6
10
8.0
6.0
4.0
7
8.6
6.9
5.1
3.4
8
7.5
6.0
4.5
3.0
9
6.7
5.3
4.0
2.7
10
6.0
4.8
3.6
2.4
Table 4-11 RGB PCLK frequency
REG_PCLK_POL defines the clock polarity, with 0 for positive active clock edge, and 1 for negative clock
edge.
REG_CSPREAD controls the transition of RGB signals with respect to the PCLK active clock edge. When
REG_CSPREAD=0, R[7:0], G[7:0] and B[7:0] signals change following the active edge of PCLK. When
REG_CSPREAD=1, R[7:0] changes a PCLK clock early and B[7:0] a PCLK clock later, which helps reduce
the switching noise.
REG_DITHER enables colour dither. This option improves the half-tone appearance on displays.
Internally, the graphics engine computes the colour values at an 8 bit precision; however, the LCD colour
at a lower precision is sufficient. The FT810/FT811 output is only 6 bits per colour in 6:6:6 formats and a
2X2 dither matrix allow the truncated bits to contribute to the final colour values.
REG_OUTBITS gives the bit width of each colour channel, the default is 6/6/6(for FT810/FT811) or
8/8/8(for FT812/FT813) bits for each R/G/B colour. A lower value means fewer bits are output for each
channel allowing dithering on lower precision LCD displays.
REG_SWIZZLE controls the arrangement of the output colour pins, to help the PCB route different LCD
panel arrangements. Bit 0 of the register causes the order of bits in each colour channel to be reversed.
Bits 1-3 control the RGB order. Setting Bit 1 causes R and B channels to be swapped. Setting Bit 3 allows
rotation to be enabled. If Bit 3 is set, then (R,G,B) is rotated right if bit 2 is one, or left if bit 2 is zero.
REG_SWIZZLE
PINS (FT810/FT811, 6 bits)
PINS (FT812/FT813, 8 bits)
b3 b2 b1 b0 R7, R6, R5,
R4, R3, R2
G7, G6, G5,
G4, G3, G2
B7, B6, B5,
B4, B3, B2
R7, R6,
R5, R4,
R3, R2,
R1, R0
G7, G6,
G5, G4,
G3, G2,
G1, G0
B7, B6,
B5, B4,
B3, B2,
B1, B0
0
X
0
0
R[7:2]
G[7:2]
B[7:2]
R[7:0]
G[7:0]
B[7:0]
0
X
0
1
R[2:7]
G[2:7]
B[2:7]
R[0:7]
G[0:7]
B[0:7]
0
X
1
0
B[7:2]
G[7:2]
R[7:2]
B[7:0]
G[7:0]
R[7:0]
0
X
1
1
B[2:7]
G[2:7]
R[2:7]
B[0:7]
G[0:7]
R[0:7]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com