Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LLC02N Datasheet (PDF) - Ceramate Technical

24LLC02N Datasheet PDF - Ceramate Technical
Part # 24LLC02N
Download  24LLC02N Download
File Size   458.62 Kbytes
Page   19 Pages
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical
Description 2K-Bits Serial EEPROM For Low Power

24LLC02N Datasheet (PDF)

Go To PDF Page Download Datasheet
24LLC02N Datasheet PDF - Ceramate Technical

Part # 24LLC02N
Download  24LLC02N Click to download

File Size   458.62 Kbytes
Page   19 Pages
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical
Description 2K-Bits Serial EEPROM For Low Power

24LLC02N Datasheet (HTML) - Ceramate Technical


24LLC02N Product details

OVERVIEW
The 24LLC02 serial EEPROM has a 2,048-bit capacity, supporting the standard 2I C™-bus serial interface. It is fabricated using Ceramates most advanced CMOS technology. It has been developed for low power and low voltage applications (1.8 V to 5.5 V). One of its major feature is a hardware-based write protection circuit for the entire memory area. Hardware-based write protection is controlled by the state of the write-protect (WP) pin. Using one-page write mode, you can load up to 16 bytes of data into the EEPROM in a single write operation. Another significant feature of the 24LLC02 is its support for fast mode and standard mode.

FEATURES
I2C-Bus Interface
• Two-wire serial interface
• Automatic word address increment EEPROM
• 2K-bit (2,048-bit/256-byte) storage area
• 16-byte page buffer
• Hardware-based write protection for the entire EEPROM (using the WP pin)
• EEPROM programming voltage generated on chip
• 1,000,000 erase/write cycles
• 100 years data retention

Operating Characteristics
• Operating voltage
   — 1.8 V to 5.5 V
• Operating current
   — Maximum write current: < 3 mA at 5.5 V
   — Maximum read current: < 200 mA at 5.5 V
   — Maximum stand-by current: < 5mA at 5.5 V
• Operating temperature range
   — – 25°C to + 70°C (commercial)
   — – 40°C to + 85°C (industrial)
• Operating clock frequencies
   — 100 kHz at standard mode
   — 400 kHz at fast mode
• Electrostatic discharge (ESD)
   — 5,000 V (HBM)
   — 500 V (MM)

Packages
• 8-pin P-DIP , SOP , TSSOP




Similar Part No. - 24LLC02N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24LLC02 ETC-24LLC02 Datasheet
663Kb / 19P
2K-bit Serial EEPROM for Low Power
24LLC02A ETC-24LLC02A Datasheet
663Kb / 19P
2K-bit Serial EEPROM for Low Power
24LLC02T ETC-24LLC02T Datasheet
663Kb / 19P
2K-bit Serial EEPROM for Low Power
More results


Similar Description - 24LLC02N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24LLC02 ETC-24LLC02 Datasheet
663Kb / 19P
2K-bit Serial EEPROM for Low Power
logo
Microchip Technology
24AA02 MICROCHIP-24AA02_07 Datasheet
401Kb / 26P
2K I2C??Serial EEPROM
2007
24AA024 MICROCHIP-24AA024_09 Datasheet
522Kb / 30P
2K I2C??Serial EEPROM
2009
24AA02 MICROCHIP-24AA02_09 Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24VL024 MICROCHIP-24VL024 Datasheet
488Kb / 30P
2K I2C??Serial EEPROM
2009
logo
Sanyo Semicon Device
LE24CBK22 SANYO-LE24CBK22 Datasheet
193Kb / 20P
Two Wire Serial Interface EEPROM (2K2K EEPROM)
logo
SHANGHAI BELLING CO., L...
BL7432SM BELLING-BL7432SM Datasheet
237Kb / 8P
Low voltage Intelligent 2K bits EEPROM
BL7442LV BELLING-BL7442LV Datasheet
305Kb / 10P
Low voltage Intelligent 2K bits EEPROM
logo
Microchip Technology
24LC02B-I MICROCHIP-24LC02B-I Datasheet
411Kb / 26P
2K I2C Serial EEPROM
12/08/06
logo
AiT Semiconductor Inc.
A24C02 AITSEMI-A24C02 Datasheet
779Kb / 19P
MEMORY EEPROM 2k BITS (256BYTES) TWO-WIRE SERIAL
REV3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com