Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LLC02N Datasheet(PDF) 1 Page - Ceramate Technical

Part # 24LLC02N
Description  2K-Bits Serial EEPROM For Low Power
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

24LLC02N Datasheet(HTML) 1 Page - Ceramate Technical

  24LLC02N Datasheet HTML 1Page - Ceramate Technical 24LLC02N Datasheet HTML 2Page - Ceramate Technical 24LLC02N Datasheet HTML 3Page - Ceramate Technical 24LLC02N Datasheet HTML 4Page - Ceramate Technical 24LLC02N Datasheet HTML 5Page - Ceramate Technical 24LLC02N Datasheet HTML 6Page - Ceramate Technical 24LLC02N Datasheet HTML 7Page - Ceramate Technical 24LLC02N Datasheet HTML 8Page - Ceramate Technical 24LLC02N Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
24LLC02
2K-Bits Serial EEPROM For Low Power
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 1 of 19
Rev 1.0 Dec. 26, 2001
OVERVIEW
The 24LLC02 serial EEPROM has a 2,048-bit capacity, supporting the standard I2 C™-bus serial interface.
It is fabricated using Ceramate's most advanced CMOS technology. It has been developed for low power and low
voltage applications (1.8 V to 5.5 V). One of its major feature is a hardware-based write protection circuit for
the entire memory area. Hardware-based write protection is controlled by the state of the write-protect (WP)
pin. Using one-page write mode, you can load up to 16 bytes of data into the EEPROM in a single write
operation. Another significant feature of the
24LLC02 is its support for fast mode and standard mode.
FEATURES
I
2C-Bus Interface
•
Two-wire serial interface
•
Automatic word address increment
EEPROM
•
2K-bit (2,048-bit/256-byte) storage area
• 16-byte page buffer
• Hardware-based write protection for the entire
EEPROM (using the WP pin)
•
EEPROM programming voltage generated
on chip
•
1,000,000 erase/write cycles
•
100 years data retention
Operating Characteristics
•
Operating voltage
— 1.8 V to 5.5 V
•
Operating current
— Maximum write current: < 3 mA at 5.5 V
— Maximum read current: < 200
µA at 5.5 V
— Maximum stand-by current: < 5
µA at 5.5 V
•
Operating temperature range
— – 25°C to + 70°C (commercial)
— – 40°C to + 85°C (industrial)
•
Operating clock frequencies
— 100 kHz at standard mode
— 400 kHz at fast mode
•
Electrostatic discharge (ESD)
— 5,000 V (HBM)
— 500 V (MM)
Packages
•
8-pin P-DIP , SOP , TSSOP
ORDERING INFORMATION
24 LLC 02 X X
Operating Voltage
Type
Temp. grade
Packing
LLC:1.8~5.5V,CMOS
02=2K
Blank:-25℃~+70℃
Blank :Tube
N :Tube(DIP8)
A :Taping(SOP8)
T :Taping(TSSOP8)


Similar Part No. - 24LLC02N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24LLC02 ETC-24LLC02 Datasheet
663Kb / 19P
2K-bit Serial EEPROM for Low Power
24LLC02A ETC-24LLC02A Datasheet
663Kb / 19P
2K-bit Serial EEPROM for Low Power
24LLC02T ETC-24LLC02T Datasheet
663Kb / 19P
2K-bit Serial EEPROM for Low Power
More results

Similar Description - 24LLC02N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24LLC02 ETC-24LLC02 Datasheet
663Kb / 19P
2K-bit Serial EEPROM for Low Power
logo
Microchip Technology
24AA02 MICROCHIP-24AA02_07 Datasheet
401Kb / 26P
2K I2C??Serial EEPROM
2007
24AA024 MICROCHIP-24AA024_09 Datasheet
522Kb / 30P
2K I2C??Serial EEPROM
2009
24AA02 MICROCHIP-24AA02_09 Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24VL024 MICROCHIP-24VL024 Datasheet
488Kb / 30P
2K I2C??Serial EEPROM
2009
logo
Sanyo Semicon Device
LE24CBK22 SANYO-LE24CBK22 Datasheet
193Kb / 20P
Two Wire Serial Interface EEPROM (2K2K EEPROM)
logo
SHANGHAI BELLING CO., L...
BL7432SM BELLING-BL7432SM Datasheet
237Kb / 8P
Low voltage Intelligent 2K bits EEPROM
BL7442LV BELLING-BL7442LV Datasheet
305Kb / 10P
Low voltage Intelligent 2K bits EEPROM
logo
Microchip Technology
24LC02B-I MICROCHIP-24LC02B-I Datasheet
411Kb / 26P
2K I2C Serial EEPROM
12/08/06
logo
AiT Semiconductor Inc.
A24C02 AITSEMI-A24C02 Datasheet
779Kb / 19P
MEMORY EEPROM 2k BITS (256BYTES) TWO-WIRE SERIAL
REV3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com