Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LLC02N Datasheet(PDF) 13 Page - Ceramate Technical

Part # 24LLC02N
Description  2K-Bits Serial EEPROM For Low Power
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

24LLC02N Datasheet(HTML) 13 Page - Ceramate Technical

Back Button 24LLC02N Datasheet HTML 9Page - Ceramate Technical 24LLC02N Datasheet HTML 10Page - Ceramate Technical 24LLC02N Datasheet HTML 11Page - Ceramate Technical 24LLC02N Datasheet HTML 12Page - Ceramate Technical 24LLC02N Datasheet HTML 13Page - Ceramate Technical 24LLC02N Datasheet HTML 14Page - Ceramate Technical 24LLC02N Datasheet HTML 15Page - Ceramate Technical 24LLC02N Datasheet HTML 16Page - Ceramate Technical 24LLC02N Datasheet HTML 17Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
24LLC02
2K-Bits Serial EEPROM For Low Power
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 13 of 19
Rev 1.0 Dec. 26, 2001
SEQUENTIAL READ OPERATION
Sequential read operations can be performed in two ways: as a series of current address reads or as random
address reads. The first data is sent in the same way as the previous read mode used on the bus. The next time,
however, the master responds with an ACK, indicating that it requires additional data.
The 24LLC02 continues to output data for each ACK it receives. To stop the sequential read operation,the
master does not respond with an ACK, but instead issues a Stop condition.
Using this method, data is output sequentially with the data from address “n” followed by the data from “n+1”. The
word address pointer for read operations increments all word addresses, allowing the entire EEPROM to be read
sequentially in a single operation. After the entire EEPROM is read, the word address pointer “rolls over” and the
24LLC02 continues to transmit data for each ACK it receives from the master (see Figure 1-14).
Slave Address
Data (n)
Start
A
C
K
A
C
K
N
O
A
C
K
Data (n + x)
A
C
K
Figure 1-14. Sequential Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com