Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSH131 Datasheet (PDF) - DIWELL Electronics Co., Ltd.

WSH131 Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # WSH131
Download  WSH131 Download
File Size   172.11 Kbytes
Page   4 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description Omnipolar Hall Effect Switch IC

WSH131 Datasheet (PDF)

Go To PDF Page Download Datasheet
WSH131 Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # WSH131
Download  WSH131 Click to download

File Size   172.11 Kbytes
Page   4 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description Omnipolar Hall Effect Switch IC

WSH131 Datasheet (HTML) - DIWELL Electronics Co., Ltd.


WSH131 Product details

Features:
 Operates from 2.4V to 26V supply voltage
 Operation with North or South Pole
 On-chip Hall Sensor and driver
 On-chip temperature compensation circuitry minimizes shifts in On/Off points temperature and supply voltage
 On-chip voltage regulator to stabilize On/Off switch point
 Wide range operating temperature –20 ~ 85℃
 Easily Manufacturability with magnet pole independence
South or North magnetic field: Output Low
No magnetic field : Output High.




Similar Part No. - WSH131

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131 Datasheet
103Kb / 4P
Omnipolar Hall Effect Switch IC
WSH131 WINSON-WSH131 Datasheet
142Kb / 4P
Omnipolar Hall Effect Switch IC
WSH131-XPAN3 WINSON-WSH131-XPAN3 Datasheet
147Kb / 5P
Unipolar Hall Effect Switch IC
WSH131-XPAN3 WINSON-WSH131-XPAN3 Datasheet
103Kb / 4P
Omnipolar Hall Effect Switch IC
WSH131-XPAN5 WINSON-WSH131-XPAN5 Datasheet
147Kb / 5P
Unipolar Hall Effect Switch IC
More results


Similar Description - WSH131

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131 Datasheet
103Kb / 4P
Omnipolar Hall Effect Switch IC
logo
Diodes Incorporated
AH180N DIODES-AH180N Datasheet
194Kb / 9P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
DS32174 Rev. 3 - 2
AH1891 DIODES-AH1891 Datasheet
256Kb / 7P
MINIATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH
Rev 1
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131_13 Datasheet
142Kb / 4P
Omnipolar Hall Effect Switch IC
logo
Texas Instruments
DRV5033 TI1-DRV5033_16 Datasheet
1Mb / 28P
Digital-Omnipolar-Switch Hall Effect Sensor
logo
Allegro MicroSystems
A1126 ALLEGRO-A1126_16 Datasheet
775Kb / 14P
Chopper-Stabilized Omnipolar Hall-Effect Switch
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131_17 Datasheet
178Kb / 4P
Omnipolar Hall Effect Switch IC
logo
Shenzhen Huazhimei Semi...
HM90248 HMSEMI-HM90248 Datasheet
628Kb / 6P
Omnipolar竊똌icroPower Hall-Effect Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com