Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

370-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

370-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 370-SERIES
Download  370-SERIES Download
File Size   153.9 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 370 Series High Speed Card Edge Connectors | Card Edge Connector SMT 0.8mm Pitch | Receptacle without Latch

370-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
370-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 370-SERIES
Download  370-SERIES Click to download

File Size   153.9 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 370 Series High Speed Card Edge Connectors | Card Edge Connector SMT 0.8mm Pitch | Receptacle without Latch

370-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


370-SERIES Product details

Features

  • High Density for Space Saving
  • Insertion Loss: Differential Pair Signaling 21 Gbps @ -3 dB
  • Available in 20, 100, 180, and 200 contacts
  • Height: 7.8 mm
  • SAS 3.0 & PCIe Compliant
  • Application: IPC, Server, Data Storage




Similar Part No. - 370-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
370-020-229-102 EDAC-370-020-229-102 Datasheet
235Kb / 1P
370 Series,High Speed Card Edge Connectors | Card Edge Connector SMT 0.8mm Pitch | Receptacle without Latch
logo
Glenair, Inc.
370-024 GLENAIR-370-024 Datasheet
691Kb / 3P
PowerTrip Connectors and Accessories
logo
Mill-Max Mfg. Corp.
370-10-101-00-001000 MILL-MAX-370-10-101-00-001000 Datasheet
116Kb / 1P
HEADER STRIPS .100??Grid Solder Tail Single Row
logo
Precid-Dip Durtal SA
370-10-116-00-001 PREDIP-370-10-116-00-001 Datasheet
70Kb / 1P
PCB Header Strips Single row / double row Wire-wrap / solder tail
logo
Mill-Max Mfg. Corp.
370-10-164-00-001000 MILL-MAX-370-10-164-00-001000 Datasheet
116Kb / 1P
HEADER STRIPS .100??Grid Solder Tail Single Row
More results


Similar Description - 370-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
470-SERIES EDAC-470-SERIES Datasheet
182Kb / 1P
470 Series High Speed Card Edge Connectors | Board to Board Male Vertical SMT Connector 1.27mm Pitch
473-SERIES EDAC-473-SERIES Datasheet
171Kb / 1P
473 Series High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Right-angle SMT | Receptacle
273-029-629-002 EDAC-273-029-629-002 Datasheet
169Kb / 2P
273 Series,High Speed Card Edge Connectors | SAS Connector 1.27mm Signal Pitch 0.80mm SCSI Pitch | Receptacle
370-020-229-102 EDAC-370-020-229-102 Datasheet
235Kb / 1P
370 Series,High Speed Card Edge Connectors | Card Edge Connector SMT 0.8mm Pitch | Receptacle without Latch
370-100-229-002 EDAC-370-100-229-002 Datasheet
327Kb / 1P
370 Series,High Speed Card Edge Connectors | Card Edge Connector SMT 0.8mm Pitch | Receptacle without Latch
370-200-229-002 EDAC-370-200-229-002 Datasheet
432Kb / 1P
370 Series,High Speed Card Edge Connectors | Card Edge Connector SMT 0.8mm Pitch | Receptacle without Latch
470-100-529-001 EDAC-470-100-529-001 Datasheet
508Kb / 1P
470 Series,High Speed Card Edge Connectors | Board to Board Male Vertical SMT Connector 1.27mm Pitch
470-160-529-001 EDAC-470-160-529-001 Datasheet
670Kb / 1P
470 Series,High Speed Card Edge Connectors | Board to Board Male Vertical SMT Connector 1.27mm Pitch
473-100-571-002 EDAC-473-100-571-002 Datasheet
286Kb / 1P
473 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Right-angle SMT | Receptacle
473-150-571-002 EDAC-473-150-571-002 Datasheet
705Kb / 2P
473 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Right-angle SMT | Receptacle
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com