Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

473-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

473-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 473-SERIES
Download  473-SERIES Download
File Size   171.23 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 473 Series High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Right-angle SMT | Receptacle

473-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
473-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 473-SERIES
Download  473-SERIES Click to download

File Size   171.23 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 473 Series High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Right-angle SMT | Receptacle

473-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


473-SERIES Product details

Features

  • Low Profile for Space Saving
  • Insertion Loss: Differential Pair Signaling 19 Gbps @ -3 dB
  • Available in 100 and 150 contacts
  • Available in Vertical SMT and Right Angle SMT
  • PCIe 3.0 Compliant
  • Application: Server, Data Storage




Similar Part No. - 473-SERIES

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
473-10-216-00-001 PREDIP-473-10-216-00-001 Datasheet
70Kb / 1P
PCB Header Strips Single row / double row Wire-wrap / solder tail
logo
EDAC, All Rights Reserv...
473-100-571-002 EDAC-473-100-571-002 Datasheet
286Kb / 1P
473 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Right-angle SMT | Receptacle
473-150-571-002 EDAC-473-150-571-002 Datasheet
705Kb / 2P
473 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Right-angle SMT | Receptacle
logo
Everlight Electronics C...
473-2SURT EVERLIGHT-473-2SURT Datasheet
93Kb / 6P
5.0mm Very Wide Angle Type LED Lamps
473-2SURT/S530-A3/C171 EVERLIGHT-473-2SURT/S530-A3/C171 Datasheet
93Kb / 6P
5.0mm Very Wide Angle Type LED Lamps
More results


Similar Description - 473-SERIES

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0524662871 MOLEX11-0524662871 Datasheet
319Kb / 3P
0.8 BOARD TO BOARD CONN HOUSING ASSY SMT
0525881875 MOLEX11-0525881875 Datasheet
298Kb / 3P
0.8 BOARD TO BOARD CONN HOUSING ASSY SMT
logo
EDAC, All Rights Reserv...
470-SERIES EDAC-470-SERIES Datasheet
182Kb / 1P
470 Series High Speed Card Edge Connectors | Board to Board Male Vertical SMT Connector 1.27mm Pitch
472-SERIES EDAC-472-SERIES Datasheet
171Kb / 1P
472 Series High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Vertical SMT | Plug
470-100-529-001 EDAC-470-100-529-001 Datasheet
508Kb / 1P
470 Series,High Speed Card Edge Connectors | Board to Board Male Vertical SMT Connector 1.27mm Pitch
470-160-529-001 EDAC-470-160-529-001 Datasheet
670Kb / 1P
470 Series,High Speed Card Edge Connectors | Board to Board Male Vertical SMT Connector 1.27mm Pitch
472-100-529-001 EDAC-472-100-529-001 Datasheet
411Kb / 1P
472 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Vertical SMT | Plug
472-150-529-001 EDAC-472-150-529-001 Datasheet
497Kb / 1P
472 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Vertical SMT | Plug
473-100-571-002 EDAC-473-100-571-002 Datasheet
286Kb / 1P
473 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Right-angle SMT | Receptacle
473-150-571-002 EDAC-473-150-571-002 Datasheet
705Kb / 2P
473 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Right-angle SMT | Receptacle
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com