Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

472-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

472-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 472-SERIES
Download  472-SERIES Download
File Size   171.23 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 472 Series High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Vertical SMT | Plug

472-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
472-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 472-SERIES
Download  472-SERIES Click to download

File Size   171.23 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 472 Series High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Vertical SMT | Plug

472-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


472-SERIES Product details

Features

  • Low Profile for Space Saving
  • Insertion Loss: Differential Pair Signaling 19 Gbps @ -3 dB
  • Available in 100 and 150 contacts
  • Available in Vertical SMT and Right Angle SMT
  • PCIe 3.0 Compliant
  • Application: Server, Data Storage




Similar Part No. - 472-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
472-100-529-001 EDAC-472-100-529-001 Datasheet
411Kb / 1P
472 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Vertical SMT | Plug
472-150-529-001 EDAC-472-150-529-001 Datasheet
497Kb / 1P
472 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Vertical SMT | Plug
logo
TE Connectivity Ltd
472-669 TEC-472-669 Datasheet
64Kb / 1P
Connectors - Crimp Terminals
472-670 TEC-472-670 Datasheet
64Kb / 1P
Connectors - Crimp Terminals
472-682 TEC-472-682 Datasheet
64Kb / 1P
Connectors - Crimp Terminals
More results


Similar Description - 472-SERIES

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0524662871 MOLEX11-0524662871 Datasheet
319Kb / 3P
0.8 BOARD TO BOARD CONN HOUSING ASSY SMT
0525881875 MOLEX11-0525881875 Datasheet
298Kb / 3P
0.8 BOARD TO BOARD CONN HOUSING ASSY SMT
logo
EDAC, All Rights Reserv...
470-SERIES EDAC-470-SERIES Datasheet
182Kb / 1P
470 Series High Speed Card Edge Connectors | Board to Board Male Vertical SMT Connector 1.27mm Pitch
473-SERIES EDAC-473-SERIES Datasheet
171Kb / 1P
473 Series High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Right-angle SMT | Receptacle
470-100-529-001 EDAC-470-100-529-001 Datasheet
508Kb / 1P
470 Series,High Speed Card Edge Connectors | Board to Board Male Vertical SMT Connector 1.27mm Pitch
470-160-529-001 EDAC-470-160-529-001 Datasheet
670Kb / 1P
470 Series,High Speed Card Edge Connectors | Board to Board Male Vertical SMT Connector 1.27mm Pitch
472-100-529-001 EDAC-472-100-529-001 Datasheet
411Kb / 1P
472 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Vertical SMT | Plug
472-150-529-001 EDAC-472-150-529-001 Datasheet
497Kb / 1P
472 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Vertical SMT | Plug
473-100-571-002 EDAC-473-100-571-002 Datasheet
286Kb / 1P
473 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Right-angle SMT | Receptacle
473-150-571-002 EDAC-473-150-571-002 Datasheet
705Kb / 2P
473 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Right-angle SMT | Receptacle
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com