Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

470-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

470-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 470-SERIES
Download  470-SERIES Download
File Size   182.12 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 470 Series High Speed Card Edge Connectors | Board to Board Male Vertical SMT Connector 1.27mm Pitch

470-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
470-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 470-SERIES
Download  470-SERIES Click to download

File Size   182.12 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 470 Series High Speed Card Edge Connectors | Board to Board Male Vertical SMT Connector 1.27mm Pitch

470-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


470-SERIES Product details

Features

  • Board to Board Type
  • High Density for Space Saving
  • Soldering Charge Design to Prevent unwetting
  • Insertion Loss: Differential pair signaling 18 Gbps @ -3 dB
  • Available in 100 contacts and 160 contacts
  • Application: Server, Data Storage




Similar Part No. - 470-SERIES

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
470-10-202-00-001000 MILL-MAX-470-10-202-00-001000 Datasheet
129Kb / 1P
HEADER STRIPS .100??Grid Solder Tail Double Row
logo
Precid-Dip Durtal SA
470-10-216-00-001 PREDIP-470-10-216-00-001 Datasheet
70Kb / 1P
PCB Header Strips Single row / double row Wire-wrap / solder tail
logo
Mill-Max Mfg. Corp.
470-10-264-00-001000 MILL-MAX-470-10-264-00-001000 Datasheet
129Kb / 1P
HEADER STRIPS .100??Grid Solder Tail Double Row
logo
EDAC, All Rights Reserv...
470-100-529-001 EDAC-470-100-529-001 Datasheet
508Kb / 1P
470 Series,High Speed Card Edge Connectors | Board to Board Male Vertical SMT Connector 1.27mm Pitch
logo
ATGBICS by Approved Tec...
470-11429-C ATGBICS-470-11429-C Datasheet
151Kb / 3P
470-11429 Dell Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
More results


Similar Description - 470-SERIES

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
TX24A JAE-TX24A Datasheet
581Kb / 4P
1.27mm Pitch High-speed Transmission Board-to-Board Connector
logo
Harwin Plc
M58-350R HARWIN-M58-350R Datasheet
209Kb / 2P
MALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
logo
EDAC, All Rights Reserv...
472-SERIES EDAC-472-SERIES Datasheet
171Kb / 1P
472 Series High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Vertical SMT | Plug
473-SERIES EDAC-473-SERIES Datasheet
171Kb / 1P
473 Series High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Right-angle SMT | Receptacle
470-100-529-001 EDAC-470-100-529-001 Datasheet
508Kb / 1P
470 Series,High Speed Card Edge Connectors | Board to Board Male Vertical SMT Connector 1.27mm Pitch
470-160-529-001 EDAC-470-160-529-001 Datasheet
670Kb / 1P
470 Series,High Speed Card Edge Connectors | Board to Board Male Vertical SMT Connector 1.27mm Pitch
472-100-529-001 EDAC-472-100-529-001 Datasheet
411Kb / 1P
472 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Vertical SMT | Plug
472-150-529-001 EDAC-472-150-529-001 Datasheet
497Kb / 1P
472 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Vertical SMT | Plug
473-100-571-002 EDAC-473-100-571-002 Datasheet
286Kb / 1P
473 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Right-angle SMT | Receptacle
473-150-571-002 EDAC-473-150-571-002 Datasheet
705Kb / 2P
473 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Right-angle SMT | Receptacle
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com