Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL314 Datasheet (PDF) - Analog Devices

ADXL314 Datasheet PDF - Analog Devices
Part # ADXL314
Download  ADXL314 Download
File Size   1167.72 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ±200 g Range, 3-Axis Digital Accelerometer

ADXL314 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL314 Datasheet PDF - Analog Devices

Part # ADXL314
Download  ADXL314 Click to download

File Size   1167.72 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ±200 g Range, 3-Axis Digital Accelerometer

ADXL314 Datasheet (HTML) - Analog Devices


ADXL314 Product details

GENERAL DESCRIPTION
The ADXL314 is a ±200 g range, 13-bit resolution, 3-axis digital
accelerometer. The digital output data is formatted as 16-bit, twos
complement data and is accessible through a serial peripheral
interface (SPI), 3-wire or 4-wire, or an I2C digital interface.
An integrated memory management system with a 32 level, first in,
first out (FIFO) buffer can store data to minimize host processor
activity and lower overall system power consumption.
Low power modes enable intelligent motion-based power management
with threshold sensing and active acceleration measurement
at low power dissipation, typically 65 μA for VS = 2.5 V at a 100 Hz
output data rate (ODR).
The ADXL314 is supplied in a small, thin 5 mm × 5 mm × 1.45 mm, 32-lead LFCSP.

FEATURES
► ±200 g measurement range
► Low power: 170 μA in measurement mode and 17 μA in standby
mode at VS = 2.5 V (typical)
► User selectable bandwidth up to 3200 Hz ODR
► Fixed 13-bit output resolution
► Supply voltage range: 2.0 V to 3.6 V
► Embedded memory management system with FIFO technology
minimizes host processor load
► Shock event detection
► Activity/inactivity monitoring
► SPI (3- or 4-wire) and I2C digital interfaces
► Wide temperature range: −40 to +125°C
► 10,000 g shock survival
► Pb free and RoHS compliant
► Small and thin: 32-lead, 5 mm × 5 mm × 1.45 mm LFCSP
► AEC-Q100 qualified for automotive applications

APPLICATIONS
► Tire and battery pack monitoring
► High force event detection




Similar Part No. - ADXL314

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL314 AD-ADXL314 Datasheet
1Mb / 28P
짹200 g Range, 3-Axis Digital Accelerometer
Rev. 0
ADXL314WBCPZ-RL AD-ADXL314WBCPZ-RL Datasheet
1Mb / 28P
짹200 g Range, 3-Axis Digital Accelerometer
Rev. 0
More results


Similar Description - ADXL314

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL375 AD-ADXL375 Datasheet
534Kb / 32P
3-Axis, 200 g Digital Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
logo
NXP Semiconductors
FXLS8964AF NXP-FXLS8964AF Datasheet
2Mb / 98P
3-Axis Low-g Accelerometer
logo
Analog Devices
ADXL317 AD-ADXL317 Datasheet
637Kb / 38P
3-Axis, 짹16 g, I2S Digital Accelerometer
12/2019-Revision 0
logo
NXP Semiconductors
FXLS8967AF NXP-FXLS8967AF Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
FXLS8974CF NXP-FXLS8974CF Datasheet
1Mb / 96P
3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
logo
Analog Devices
ADXL314 AD-ADXL314 Datasheet
1Mb / 28P
짹200 g Range, 3-Axis Digital Accelerometer
Rev. 0
logo
NXP Semiconductors
FXLS8964AF NXP-FXLS8964AF_V01 Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 3.4 - 7 December 2021
FXLS8967AF NXP-FXLS8967AF_V01 Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 1.3 - 22 October 2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com