Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK574 Datasheet (PDF) - Power Integrations, Inc.

LNK574 Datasheet PDF - Power Integrations, Inc.
Part # LNK574
Download  LNK574 Download
File Size   1343.39 Kbytes
Page   18 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Zero No-Load or Zero Standby Consumption with up to 1 mW Output Load

LNK574 Datasheet (PDF)

Go To PDF Page Download Datasheet
LNK574 Datasheet PDF - Power Integrations, Inc.

Part # LNK574
Download  LNK574 Click to download

File Size   1343.39 Kbytes
Page   18 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Zero No-Load or Zero Standby Consumption with up to 1 mW Output Load

LNK574 Datasheet (HTML) - Power Integrations, Inc.


LNK574 Product details

Lowest System Cost with Zero Standby
(1 mW Output Power)
• Automatically enters low consumption power-down mode when load
drops below ~0.2% of full load for LNK576 and ~0.6% for LNK574
• Detects load reconnection and automatically restarts regulation
• Simple upgrade to existing LinkSwitch-LP designs
• Very accurate IC parameter tolerances improve system manufacturing
yield
• Suitable for low-cost clampless designs
• Frequency jittering greatly reduces EMI filter cost
• Extended package creepage improves system field reliability
Advanced Protection/Safety Features
• Accurate hysteretic thermal shutdown protection – automatic
recovery reduces field returns
• Universal input range allows worldwide operation
• Auto-restart reduces delivered power by >85% during short-circuit
and open-loop fault conditions
• Simple ON/OFF control, no loop compensation needed
• High bandwidth provides excellent transient load response with no
overshoot
EcoSmart™– Energy Efficient
• No-load or standby (1 mW output power) consumption as low as
<5 mW at 230 VAC input (Note 1)
• Easily meets all global energy efficiency regulations with no added
components
• ON/OFF control provides constant efficiency to very light loads
Applications
• Chargers for cell/cordless phones, PDAs, power tools, MP3/portable
audio devices, shavers, etc.
• Standby power supply for TV, video displays, and appliances




Similar Part No. - LNK574

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK574 POWERINT-LNK574 Datasheet
1Mb / 16P
Zero No-Load Consumption Integrated Off-Line Switcher
LNK574DG POWERINT-LNK574DG Datasheet
1Mb / 16P
Zero No-Load Consumption Integrated Off-Line Switcher
LNK574DG POWERINT-LNK574DG Datasheet
1Mb / 18P
Zero No-Load or Zero Standby Consumption with up to 1 mW Output Load
November 2015
More results


Similar Description - LNK574

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-28 POWERINT-DI-28 Datasheet
49Kb / 2P
3 W Charger: <30 mW No-load Consumption
DI-77 POWERINT-DI-77 Datasheet
414Kb / 2P
3 W Adapter: <200 mW No-Load Consumption
DI-84 POWERINT-DI-84 Datasheet
393Kb / 2P
3 W Charger: <30 mW No-load Consumption
LNK574 POWERINT-LNK574 Datasheet
1Mb / 16P
Zero No-Load Consumption Integrated Off-Line Switcher
LNK584 POWERINT-LNK584 Datasheet
1Mb / 16P
Zero Standby Consumption Integrated Off-Line Switcher
logo
Astec America, Inc
ALQ15 ASTEC-ALQ15 Datasheet
408Kb / 2P
Regulation to zero load
BK60C ASTEC-BK60C Datasheet
78Kb / 2P
Regulation to zero load
logo
STMicroelectronics
A5974AD STMICROELECTRONICS-A5974AD Datasheet
1Mb / 49P
Zero load current operation
19-Apr-2011
A5974D STMICROELECTRONICS-A5974D Datasheet
2Mb / 46P
Zero load current operation
03-Jun-2014
L6902 STMICROELECTRONICS-L6902 Datasheet
203Kb / 11P
Zero load current operation
26-Nov-2010
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com