Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9248-199 Datasheet (PDF) - Integrated Circuit Systems

ICS9248-199 Datasheet PDF - Integrated Circuit Systems
Part # ICS9248-199
Download  ICS9248-199 Download
File Size   168.79 Kbytes
Page   21 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator for SIS 735/740 with AMD K7 Processor

ICS9248-199 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9248-199 Datasheet PDF - Integrated Circuit Systems

Part # ICS9248-199
Download  ICS9248-199 Click to download

File Size   168.79 Kbytes
Page   21 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator for SIS 735/740 with AMD K7 Processor

ICS9248-199 Datasheet (HTML) - Integrated Circuit Systems


ICS9248-199 Product details

General Description
The ICS9248-199 is a single chip clock solution for desktop designs using the Intel Brookdale chipset with PC133 or DDR memory. It provides all necessary clock signals for such a system.

Features:
• Programmable output frequency.
• Programmable output divider ratios.
• Programmable output rise/fall time.
• Programmable output skew.
• Programmable spread percentage for EMI control.
• Watchdog timer technology to reset system if system malfunctions.
• Programmable watch dog safe frequency.
• Support I2C Index read/write and block read/write operations.
• Uses external 14.318MHz crystal.

Output Features:
• 1 - CPU @ 2.5V
• 1 - Differential pair open drain CPU clock
• 1 - IOAPIC @ 2.5V
• 1 - SDRAM @ 3.3V
• 6- PCI @3.3V
• 2 - AGP @ 3.3V
• 1- 48MHz, @3.3V fixed
• 1- 24/48MHz, @3.3V selectable by I2C (Default is 24MHz)
• 2- REF @3.3V, 14.318MHz




Similar Part No. - ICS9248-199

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-192 ICST-ICS9248-192 Datasheet
105Kb / 12P
Frequency Timing Generator for Transmeta Systems
logo
Renesas Technology Corp
ICS9248-192 RENESAS-ICS9248-192 Datasheet
387Kb / 14P
Frequency Timing Generator for Transmeta Systems
2019
logo
Integrated Circuit Syst...
ICS9248-195 ICST-ICS9248-195 Datasheet
148Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM II/III & K6
More results


Similar Description - ICS9248-199

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-168 ICST-ICS9248-168 Datasheet
172Kb / 14P
AMD - K7??Clock Generator for Mobile System
Rev B 01/09/01
ICS94228 ICST-ICS94228 Datasheet
135Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
ICS9248-136 ICST-ICS9248-136 Datasheet
231Kb / 16P
Frequency Generator & Integrated Buffers for K7 Processor
ICS9248-189 ICST-ICS9248-189 Datasheet
236Kb / 15P
AMD - K7??Clock Generator for Mobile System
ICS94215 ICST-ICS94215 Datasheet
146Kb / 18P
Programmable System Clock Chip for AMD - K7??Processor
ICS94229 ICST-ICS94229 Datasheet
246Kb / 17P
Programmable System Clock Chip for AMD - K7 processor
logo
Cypress Semiconductor
CY22K7 CYPRESS-CY22K7 Datasheet
141Kb / 11P
133-MHz Spread Spectrum Clock Generator For Use With the AMD-K7 Processor and AMD-750 Chipset
logo
List of Unclassifed Man...
PLL205-01 ETC1-PLL205-01 Datasheet
112Kb / 12P
Motherboard Clock Generator for AMD - K7
logo
Integrated Circuit Syst...
ICS94235 ICST-ICS94235 Datasheet
757Kb / 19P
PROGRAMMABLE SYSTEM CLOCK CHIP FOR AMD-K7 TM PROCESSOR
Rev A 01/17/02
ICS94236 ICST-ICS94236 Datasheet
388Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com