Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT16899 Datasheet (PDF) - NXP Semiconductors

74ABT16899 Datasheet PDF - NXP Semiconductors
Part # 74ABT16899
Download  74ABT16899 Download
File Size   105.46 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 18-bit latched transceiver with 16-bit parity generator/checker 3-State

74ABT16899 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT16899 Datasheet PDF - NXP Semiconductors

Part # 74ABT16899
Download  74ABT16899 Click to download

File Size   105.46 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 18-bit latched transceiver with 16-bit parity generator/checker 3-State

74ABT16899 Datasheet (HTML) - NXP Semiconductors


74ABT16899 Product details

DESCRIPTION
The 74ABT/H16899 is a 16-bit to 16-bit parity transceiver with separate transparent latches for the A bus and B bus. Either bus can generate or check parity. The parity bit can be fed-through with no change or the generated parity can be substituted with the SEL input.

FEATURES
• Symmetrical (A and B bus functions are identical)
• Selectable generate parity or ”feed-through” parity for A-to-B and B-to-A directions
• Independent transparent latches for A-to-B and B-to-A directions
• Selectable ODD/EVEN parity
• Continuously checks parity of both A bus and B bus latches as ERRA and ERRB
• Open-collector ERR output
• Ability to simultaneously generate and check parity
• Can simultaneously read/latch A and B bus data
• Output capability: +64 mA/–32mA
• Latch-up protection exceeds 500mA per Jedec Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015 and 200 V per Machine Model
• Power up 3-State
• Power-up reset
• Live insertion/extraction permitted
• Bus-hold data inputs eliminate the need for external pull-up resistors to hold unused inputs




Similar Part No. - 74ABT16899

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16821A PHILIPS-74ABT16821A Datasheet
80Kb / 10P
20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABT16821A NXP-74ABT16821A Datasheet
153Kb / 16P
20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-16 March 2010
74ABT16821ADGG PHILIPS-74ABT16821ADGG Datasheet
80Kb / 10P
20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABT16821ADGG NXP-74ABT16821ADGG Datasheet
153Kb / 16P
20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-16 March 2010
74ABT16821ADL PHILIPS-74ABT16821ADL Datasheet
80Kb / 10P
20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
More results


Similar Description - 74ABT16899

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT657 PHILIPS-74ABT657 Datasheet
62Kb / 11P
Octal transceiver with parity generator/checker 3-State
1995 Dec 11
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT853 PHILIPS-74ABT853 Datasheet
82Kb / 7P
8-bit transceiver with 9-bit parity checker/ generator and flag latch 3-State
1995 Sep 06
74ABT899 PHILIPS-74ABT899 Datasheet
123Kb / 16P
9-bit dual latch transceiver with 8-bit parity generator/checker 3-State
1998 Jan 16
74ALVT16899 PHILIPS-74ALVT16899 Datasheet
122Kb / 20P
2.5V/3.3V 18-bit latched transceiver with 16-bit parity generator/checker 3-State
1998 Jun 30
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
9-Bit Latchable Transceiver with Parity Generator/Checker
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
NXP Semiconductors
74ABT657 NXP-74ABT657 Datasheet
112Kb / 17P
Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
9-bit Latchable Transceiver with Parity Generator/Checker
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com