Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE577N Datasheet (PDF) - NXP Semiconductors

NE577N Datasheet PDF - NXP Semiconductors
Part # NE577N
Download  NE577N Download
File Size   50.4 Kbytes
Page   4 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Unity gain level programmable low power compandor

NE577N Datasheet (PDF)

Go To PDF Page Download Datasheet
NE577N Datasheet PDF - NXP Semiconductors

Part # NE577N
Download  NE577N Click to download

File Size   50.4 Kbytes
Page   4 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Unity gain level programmable low power compandor

NE577N Datasheet (HTML) - NXP Semiconductors


NE577N Product details

DESCRIPTION

The NE/SA577 is a unity gain level programmable compandor designed for low power applications. The NE577 is internally configured as an expandor and a compressor to minimize external component count.



FEATURES

•Operating voltage range: 1.8V to 7V

•Low power consumption(1.4mA @ 3.6V)

•0dB level programmable(10mVRMSto 1.0VRMS)

•Over 90dB of dynamic range

•Wide input/output swing capability (rail-to-rail)

•Low external component count

•SA577 meets cellular radio specifications

•ESD hardened



APPLICATIONS

•High performance portable communications

•Cellular radio

•Cordless telephone

•Consumer audio

•Wireless microphones

•Modems

•Electric organs

•Hearing aids

•Automatic level control (ALC)




Similar Part No. - NE577N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE570 PHILIPS-NE570 Datasheet
107Kb / 12P
Telephone trunk comandor
2003 Apr 03
logo
ON Semiconductor
NE570 ONSEMI-NE570 Datasheet
98Kb / 10P
Compandor
May, 2006 ??Rev. 4
logo
NXP Semiconductors
NE570 PHILIPS-NE570 Datasheet
400Kb / 7P
Compandor
NE570D PHILIPS-NE570D Datasheet
107Kb / 12P
Telephone trunk comandor
2003 Apr 03
logo
ON Semiconductor
NE570D ONSEMI-NE570D Datasheet
98Kb / 10P
Compandor
May, 2006 ??Rev. 4
More results


Similar Description - NE577N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA572 PHILIPS-SA572 Datasheet
136Kb / 12P
Programmable analog compandor
1998 Nov 03
SA576 PHILIPS-SA576 Datasheet
77Kb / 7P
Low power compandor
1997 Aug 14
SA577 PHILIPS-SA577 Datasheet
61Kb / 7P
Unity gain level programmable power compandor
1997 Nov 07
SA578 PHILIPS-SA578 Datasheet
63Kb / 7P
Unity gain level programmable low power compandor
1997 Nov 07
NE572 PHILIPS-NE572 Datasheet
125Kb / 8P
Programmable analog compandor
October 7, 1987
NE576 PHILIPS-NE576 Datasheet
102Kb / 3P
Low Power Compandor
December 1993
logo
ON Semiconductor
SA572 ONSEMI-SA572 Datasheet
218Kb / 12P
Programmable Analog Compandor
March, 2006 ??Rev. 2
logo
Analog Devices
AD8476 AD-AD8476 Datasheet
510Kb / 24P
Low Power, Unity Gain, Fully
REV. B
logo
Microchip Technology
MCP631 MICROCHIP-MCP631_14 Datasheet
1Mb / 60P
Unity-Gain Stable
03/25/14
MCP651 MICROCHIP-MCP651_14 Datasheet
1Mb / 62P
Unity-Gain Stable
03/25/14
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com