Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF405 Datasheet (PDF) - Samtec, Inc

RF405 Datasheet PDF - Samtec, Inc
Part # RF405
Download  RF405 Download
File Size   286.01 Kbytes
Page   1 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description SMA TO 18 GHz

RF405 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF405 Datasheet PDF - Samtec, Inc

Part # RF405
Download  RF405 Click to download

File Size   286.01 Kbytes
Page   1 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description SMA TO 18 GHz

RF405 Datasheet (HTML) - Samtec, Inc




Similar Part No. - RF405

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
RF405 SAMTEC-RF405 Datasheet
147Kb / 1P
50 W .086" DIA SEMI-FLEXIBLE CABLE
RF405-00SJ7-01SP1-0300 SAMTEC-RF405-00SJ7-01SP1-0300 Datasheet
147Kb / 1P
50 W .086" DIA SEMI-FLEXIBLE CABLE
More results


Similar Description - RF405

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SF-SF50 MINI-SF-SF50 Datasheet
49Kb / 1P
Adapter, SMA-F to SMA-F 50W DC to 18 GHz
SF-SM50 MINI-SF-SM50 Datasheet
47Kb / 1P
Adapters, SMA-F to SMA-M 50W, DC to 18 GHz
SM-SM50 MINI-SM-SM50 Datasheet
49Kb / 1P
Adapter, SMA-M to SMA-M 50W DC to 18 GHz
logo
Pasternack Enterprises,...
PE9014 PASTERNACK-PE9014 Datasheet
260Kb / 3P
Precision SMA Male to SMA Female Bulkhead Adapter 18 Ghz
PE9844 PASTERNACK-PE9844 Datasheet
279Kb / 2P
WR-42 to SMA Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE80T1000 PASTERNACK-PE80T1000 Datasheet
452Kb / 7P
Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE80T1001 PASTERNACK-PE80T1001 Datasheet
341Kb / 6P
Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE8654 PASTERNACK-PE8654 Datasheet
357Kb / 3P
50 Ohm SMA Mixer Operating From 6 GHz to 18 GHz
PE9694 PASTERNACK-PE9694 Datasheet
369Kb / 4P
Precision SMA Male to SMA Female Adapter Max. Freq. 18 GHz
PE9695 PASTERNACK-PE9695 Datasheet
368Kb / 4P
Precision SMA Female to SMA Female Adapter, 18 Ghz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com