Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF405 Datasheet (PDF) - Samtec, Inc

RF405 Datasheet PDF - Samtec, Inc
Part # RF405
Download  RF405 Download
File Size   147.37 Kbytes
Page   1 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description 50 W .086" DIA SEMI-FLEXIBLE CABLE

RF405 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF405 Datasheet PDF - Samtec, Inc

Part # RF405
Download  RF405 Click to download

File Size   147.37 Kbytes
Page   1 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description 50 W .086" DIA SEMI-FLEXIBLE CABLE

RF405 Datasheet (HTML) - Samtec, Inc




Similar Part No. - RF405

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
RF405 SAMTEC-RF405 Datasheet
286Kb / 1P
SMA TO 18 GHz
RF405-01BJ1-0100 SAMTEC-RF405-01BJ1-0100 Datasheet
286Kb / 1P
SMA TO 18 GHz
RF405-01RP1-0100 SAMTEC-RF405-01RP1-0100 Datasheet
286Kb / 1P
SMA TO 18 GHz
RF405-01SP1-0100 SAMTEC-RF405-01SP1-0100 Datasheet
286Kb / 1P
SMA TO 18 GHz
More results


Similar Description - RF405

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-P086LL PASTERNACK-PE-P086LL Datasheet
251Kb / 3P
Low Loss Flexible Version 086 Semi-rigid Coax Cable Double Shielded with Gray FEP Jacket
logo
Amphenol Corporation
132101 AMPHENOL-132101 Datasheet
73Kb / 1P
SMA SEMI-RIGID PLUG (FOR .085, 086 CABLE)
logo
Molex Electronics Ltd.
73251-1940 MOLEX11-73251-1940 Datasheet
34Kb / 1P
50 Ohms, SMA Jack, Two Hole flange for .086 semi-rigid cable
logo
Pasternack Enterprises,...
PE-P086 PASTERNACK-PE-P086 Datasheet
258Kb / 4P
Flexible Version of 086 Semi-rigid Coax Cable Double Shielded with Blue FEP Jacket
logo
Molex Electronics Ltd.
0732511940 MOLEX11-0732511940 Datasheet
30Kb / 1P
50 Ohms, SMA Jack, Two Hole flange for .086 semi-rigid cable
logo
Pasternack Enterprises,...
RG405-U PASTERNACK-RG405-U Datasheet
272Kb / 3P
086 Semi-rigid Coax Cable with Copper Outer Conductor
RG405-U-STRAIGHT PASTERNACK-RG405-U-STRAIGHT Datasheet
1Mb / 3P
086 Semi-rigid Coax Cable with Copper Outer Conductor
logo
CRYSTEK CORPORATION
CCSMA18-MM-086F-12 CRYSTEKMICROWAVE-CCSMA18-MM-086F-12 Datasheet
1Mb / 3P
086 Flexible 50 Ohm 18 GHz Coaxial Cables
CCSMA121-MM-086F-12 CRYSTEKMICROWAVE-CCSMA121-MM-086F-12 Datasheet
1,015Kb / 4P
086 Flexible 50 Ohm 12.6 GHz Right Angle Coaxial Cables
logo
Molex Electronics Ltd.
0732511940 MOLEX-0732511940_V01 Datasheet
31Kb / 1P
50 Ohms, SMA Jack, Two Hole flange for .086 semi-rigid cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com