Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF405 Datasheet(PDF) 1 Page - Samtec, Inc

Part # RF405
Description  50 W .086" DIA SEMI-FLEXIBLE CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

RF405 Datasheet(HTML) 1 Page - Samtec, Inc

  RF405 Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RF405 SERIES
RF405–00SJ7–00SJ7–0500
Hand-formable
semi-flexible cable
(2.18 mm)
.086" DIA cable
Choice of SMA or
SMP terminations
RF405–01SP1–01RP1–0500
Due to technical progress, all designs, specifications and components are subject to change without notice.
All parts within this catalog are built to Samtec’s specifications.
Customer specific requirements must be approved by Samtec and identified in a Samtec customer-specific drawing to apply.
WWW.SAMTEC.COM
For complete specifications
see www.samtec.com?RF405
RF Connector:
Shell Material:
Brass (SMA),
Au plated BeCu (SMP)
Contact Material:
Brass (SMA),
Au plated BeCu (SMP)
Impedance:
50
W
Frequency Range:
DC to 20 GHz
Dielectric Withstanding:
1,000 Vrms (SMA),
500 Vrms min (SMP)
RG 405 (.086")
Cable:
Impedance:
50
W microwave
Capacitance:
104.97 pF/meter
Max Attenuation
(cable only):
0.72 @ 1 GHz for 1 meter
Conductor Size:
24 AWG (0.56 mm) .022" dia.
Conductor Material:
Silver plated copper clad steel
Insulator Material:
PTFE
Shield Material:
Tinned Copper
Bend Radius:
3.18 mm
RoHS Compliant:
Yes
Mates with:
SMA, SMP
50
W .086" DIA SEMI-FLEXIBLE CABLE
Note:
Cable lengths longer than
(1000 mm) 39.40" are not
supported with S.I. test data.
CABLE TYPE
END 1
CONNECTOR
END 2
CONNECTOR
Specify
END OPTIONS
from chart
OVERALL LENGTH
–“XXXX”
= Overall Length in millimeters
–0100 (100 mm) 3.94" minimum
RF405
= (2.18 mm) .086" DIA
24 AWG Semi-flexible
coax cable
XXXX = OAL (millimeters)
–01SP1–01RP1 SHOWN
• Cable connector kits
(see cable components
catalog pages)
OTHER
SOLUTIONS
ALSO AVAILABLE
(MOQ Required)
• Additional stripping
and tinning options
STRIPPED & TINNED
(Dimensions in mm)
Both center conductor and braid
shield are stripped, only the
center conductor is tinned.
CALLOUT A
B
–3030
3.0
3.0
–4030
4.0
3.0
–4040
4.0
4.0
END OPTIONS
–01SP1 = SMA
Straight Plug
(30 µ" (0.76 µm) Gold on
Center Contact,
Gold Flash on Shell)
–01RP1 = SMA
Right-angle Plug
(30 µ" (0.76 µm) Gold on
Center Contact,
Gold Flash on Shell)
END OPTIONS
–00SJ7 = SMP
Straight Jack
(10 µ" (0.25 µm) Gold on
Center Contact,
Gold Flash on Shell)
–00RJ7 = SMP
Right-angle Jack
(10 µ" (0.25 µm) Gold on
Center Contact,
Gold Flash on Shell)
XXXX =
Stripped & Tinned
(End 2 callout)
A
B
RF-18 (Rev 28JUN18)
• Create a full system:
cable assembly and board level mates,
50
W and 75 W solutions
• Free samples available
• Visit: rf.samtec.com
Solutionator
DESIGN IN A MINUTE
®
SPECIFICATIONS


Similar Part No. - RF405

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
RF405 SAMTEC-RF405 Datasheet
286Kb / 1P
SMA TO 18 GHz
RF405-01BJ1-0100 SAMTEC-RF405-01BJ1-0100 Datasheet
286Kb / 1P
SMA TO 18 GHz
RF405-01RP1-0100 SAMTEC-RF405-01RP1-0100 Datasheet
286Kb / 1P
SMA TO 18 GHz
RF405-01SP1-0100 SAMTEC-RF405-01SP1-0100 Datasheet
286Kb / 1P
SMA TO 18 GHz
More results

Similar Description - RF405

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-P086LL PASTERNACK-PE-P086LL Datasheet
251Kb / 3P
Low Loss Flexible Version 086 Semi-rigid Coax Cable Double Shielded with Gray FEP Jacket
logo
Amphenol Corporation
132101 AMPHENOL-132101 Datasheet
73Kb / 1P
SMA SEMI-RIGID PLUG (FOR .085, 086 CABLE)
logo
Molex Electronics Ltd.
73251-1940 MOLEX11-73251-1940 Datasheet
34Kb / 1P
50 Ohms, SMA Jack, Two Hole flange for .086 semi-rigid cable
logo
Pasternack Enterprises,...
PE-P086 PASTERNACK-PE-P086 Datasheet
258Kb / 4P
Flexible Version of 086 Semi-rigid Coax Cable Double Shielded with Blue FEP Jacket
logo
Molex Electronics Ltd.
0732511940 MOLEX11-0732511940 Datasheet
30Kb / 1P
50 Ohms, SMA Jack, Two Hole flange for .086 semi-rigid cable
logo
Pasternack Enterprises,...
RG405-U PASTERNACK-RG405-U Datasheet
272Kb / 3P
086 Semi-rigid Coax Cable with Copper Outer Conductor
RG405-U-STRAIGHT PASTERNACK-RG405-U-STRAIGHT Datasheet
1Mb / 3P
086 Semi-rigid Coax Cable with Copper Outer Conductor
logo
CRYSTEK CORPORATION
CCSMA18-MM-086F-12 CRYSTEKMICROWAVE-CCSMA18-MM-086F-12 Datasheet
1Mb / 3P
086 Flexible 50 Ohm 18 GHz Coaxial Cables
CCSMA121-MM-086F-12 CRYSTEKMICROWAVE-CCSMA121-MM-086F-12 Datasheet
1,015Kb / 4P
086 Flexible 50 Ohm 12.6 GHz Right Angle Coaxial Cables
logo
Molex Electronics Ltd.
0732511940 MOLEX-0732511940_V01 Datasheet
31Kb / 1P
50 Ohms, SMA Jack, Two Hole flange for .086 semi-rigid cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com