Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC-C027 Datasheet (PDF) - Hittite Microwave Corporation

HMC-C027 Datasheet PDF - Hittite Microwave Corporation
Part # HMC-C027
Download  HMC-C027 Download
File Size   261.59 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description LOW NOISE AMPLIFIER MODULE, 29 - 36 GHz

HMC-C027 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-C027 Datasheet PDF - Hittite Microwave Corporation

Part # HMC-C027
Download  HMC-C027 Click to download

File Size   261.59 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description LOW NOISE AMPLIFIER MODULE, 29 - 36 GHz

HMC-C027 Datasheet (HTML) - Hittite Microwave Corporation


HMC-C027 Product details

General Description

The HMC-C027 is a GaAs MMIC PHEMT Low Noise Amplifi er in a miniature, hermetic module which operates between 29 and 36 GHz. This high dynamic range amplifi er module provides 20 dB of gain, 2.9dB noise fi gure and up to +22 dBm of output IP3 from a single +3V supply. The wideband amplifi er I/Os are internally matched to 50 Ohms and DC blocked for robust performance. The module features positive gain slope, and consistent noise fi gure and output power performance across its operating band.



Features

Noise Figure: 2.9 dB

Gain: 20 dB

OIP3: 22 dBm

P1dB Output Power: +11 dBm

50 Ohm Matched Input/Output

Hermetically Sealed Module

Field Replaceable 2.92 mm Connectors

-55 to +85˚C Operating Temperature



Typical Applications

The HMC-C027 Wideband LNA is ideal for:

• Telecom Infrastructure

• Microwave Radio & VSAT

• Military & Space

• Test Instrumentation

• Fiber Optics




Similar Part No. - HMC-C027

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C027 HITTITE-HMC-C027 Datasheet
370Kb / 6P
LOW NOISE AMPLIFIER MODULE, 29 - 36 GHz
HMC-C027 HITTITE-HMC-C027_11 Datasheet
370Kb / 6P
LOW NOISE AMPLIFIER MODULE, 29 - 36 GHz
More results


Similar Description - HMC-C027

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC282 HITTITE-HMC282 Datasheet
109Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER 36 - 40 GHz
HMC566 HITTITE-HMC566 Datasheet
317Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 29 - 36 GHz
logo
HBH Microwave GmbH
HA8003 HBH-HA8003 Datasheet
25Kb / 1P
30 - 36 GHz Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4 HITTITE-HMC263LP4_09 Datasheet
272Kb / 1P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E_09 Datasheet
272Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC282 HITTITE-HMC282_00 Datasheet
153Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 36 - 40 GHz
HMC-C027 HITTITE-HMC-C027_11 Datasheet
370Kb / 6P
LOW NOISE AMPLIFIER MODULE, 29 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E_10 Datasheet
963Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC566 HITTITE-HMC566_09 Datasheet
247Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 29 - 36 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com