Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA8003 Datasheet (PDF) - HBH Microwave GmbH

HA8003 Datasheet PDF - HBH Microwave GmbH
Part # HA8003
Download  HA8003 Download
File Size   25.34 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 30 - 36 GHz Low Noise Amplifier

HA8003 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA8003 Datasheet PDF - HBH Microwave GmbH

Part # HA8003
Download  HA8003 Click to download

File Size   25.34 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 30 - 36 GHz Low Noise Amplifier

HA8003 Datasheet (HTML) - HBH Microwave GmbH




Similar Part No. - HA8003

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HA8001 HBH-HA8001 Datasheet
20Kb / 1P
33.0 - 35.0 GHz Power Amplifier
HA8002 HBH-HA8002 Datasheet
24Kb / 1P
29.6 - 30.2 GHz Driver Amplifier
More results


Similar Description - HA8003

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA028N1-99 ALPHA-AA028N1-99 Datasheet
317Kb / 4P
23-30 GHz Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC282 HITTITE-HMC282 Datasheet
109Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER 36 - 40 GHz
HMC-C027 HITTITE-HMC-C027 Datasheet
261Kb / 6P
LOW NOISE AMPLIFIER MODULE, 29 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4 HITTITE-HMC263LP4_09 Datasheet
272Kb / 1P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E_09 Datasheet
272Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC282 HITTITE-HMC282_00 Datasheet
153Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 36 - 40 GHz
HMC-C027 HITTITE-HMC-C027_11 Datasheet
370Kb / 6P
LOW NOISE AMPLIFIER MODULE, 29 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E_10 Datasheet
963Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
logo
Marki Microwave
AMM-7203 MARKIMICROWAVE-AMM-7203 Datasheet
5Mb / 15P
30 GHz ??60 GHz Low Noise Amplifier
More results




About HBH Microwave GmbH


HBH Microwave GmbH is a leading manufacturer of high-quality microwave components and subsystems for the telecommunications, aerospace, defense, and scientific research industries. The company was founded in Germany in 1996 and has since established itself as a trusted provider of advanced microwave technologies.

HBH Microwave's product portfolio includes a wide range of microwave components, such as amplifiers, mixers, filters, couplers, and antennas. The company also offers customized solutions for specific applications, including subsystems and integrated microwave assemblies.

The company's engineering team has extensive experience in developing advanced microwave technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

HBH Microwave has a strong focus on quality and reliability. The company's products are manufactured to the highest standards and undergo rigorous testing to ensure their performance and reliability. They are also designed to meet the demanding requirements of military and aerospace applications.

Overall, HBH Microwave is a trusted provider of high-quality microwave components and subsystems. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com