Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A67 Datasheet (PDF) - Tyco Electronics

A67 Datasheet PDF - Tyco Electronics
Part # A67
Download  A67 Download
File Size   359.9 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 10 to 800 MHz

A67 Datasheet (PDF)

Go To PDF Page Download Datasheet
A67 Datasheet PDF - Tyco Electronics

Part # A67
Download  A67 Click to download

File Size   359.9 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 10 to 800 MHz

A67 Datasheet (HTML) - Tyco Electronics


A67 Product details

Description
The A67 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. Use of an impedance transformer offers the benefit of high dynamic range and high efficiency. Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available

Features
● AVAILABLE IN SURFACE MOUNT
● HIGH EFFICIENCY: +16 dBm (TYP.) OUTPUT POWER AT 32 mA (TYP.)
● LOW NOISE FIGURE: <4.0 dB (TYP.)
● WIDE POWER SUPPLY RANGE: +5 TO +15 VOLTS




Similar Part No. - A67

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A67 MA-COM-A67 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 800 MHz
A67 MA-COM-A67 Datasheet
638Kb / 3P
Cascadable Amplifier
logo
Tyco Electronics
A67-1 MACOM-A67-1 Datasheet
100Kb / 1P
10 TO 600 MHz CASCADABLE AMPLIFIER
A67-1 MACOM-A67-1 Datasheet
385Kb / 2P
Cascadable Amplifier 10 to 600 MHz
logo
M/A-COM Technology Solu...
A67-1 MA-COM-A67-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 600 MHz
More results


Similar Description - A67

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A89 MACOM-A89 Datasheet
113Kb / 1P
100 TO 800 MHz CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC838 ETC-AC838 Datasheet
105Kb / 2P
10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A89 MACOM-A89_1 Datasheet
387Kb / 2P
Cascadable Amplifier 100 to 800 MHz
logo
M/A-COM Technology Solu...
A67 MA-COM-A67 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 800 MHz
A89 MA-COM-A89 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 800 MHz
A89 MA-COM-A89_15 Datasheet
652Kb / 3P
Cascadable Amplifier 100 to 800 MHz
logo
Teledyne Technologies I...
AC829 TELEDYNE-AC829 Datasheet
176Kb / 2P
10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
AC838 TELEDYNE-AC838 Datasheet
174Kb / 2P
10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
AC847 TELEDYNE-AC847 Datasheet
178Kb / 2P
10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
AC848 TELEDYNE-AC848 Datasheet
178Kb / 2P
10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com