Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A67 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A67 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A67
Download  A67 Download
File Size   1336.92 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 800 MHz

A67 Datasheet (PDF)

Go To PDF Page Download Datasheet
A67 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A67
Download  A67 Click to download

File Size   1336.92 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 800 MHz

A67 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


A67 Product details

Description
The A67 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. Use of an impedance transformer offers the benefit of high dynamic range and high efficiency. Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available

Features
• AVAILABLE IN SURFACE MOUNT
• HIGH EFFICIENCY: +16 dBm (TYP.) OUTPUT POWER AT 32 mA (TYP.)
• LOW NOISE FIGURE: <4.0 dB (TYP.)
• WIDE POWER SUPPLY RANGE: +5 TO +15 VOLTS




Similar Part No. - A67

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A67 MACOM-A67 Datasheet
359Kb / 2P
Cascadable Amplifier 10 to 800 MHz
logo
M/A-COM Technology Solu...
A67 MA-COM-A67 Datasheet
638Kb / 3P
Cascadable Amplifier
logo
Tyco Electronics
A67-1 MACOM-A67-1 Datasheet
100Kb / 1P
10 TO 600 MHz CASCADABLE AMPLIFIER
A67-1 MACOM-A67-1 Datasheet
385Kb / 2P
Cascadable Amplifier 10 to 600 MHz
logo
M/A-COM Technology Solu...
A67-1 MA-COM-A67-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 600 MHz
More results


Similar Description - A67

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A89 MACOM-A89 Datasheet
113Kb / 1P
100 TO 800 MHz CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC838 ETC-AC838 Datasheet
105Kb / 2P
10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A67 MACOM-A67 Datasheet
359Kb / 2P
Cascadable Amplifier 10 to 800 MHz
A89 MACOM-A89_1 Datasheet
387Kb / 2P
Cascadable Amplifier 100 to 800 MHz
logo
M/A-COM Technology Solu...
A89 MA-COM-A89 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 800 MHz
A89 MA-COM-A89_15 Datasheet
652Kb / 3P
Cascadable Amplifier 100 to 800 MHz
logo
Teledyne Technologies I...
AC829 TELEDYNE-AC829 Datasheet
176Kb / 2P
10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
AC838 TELEDYNE-AC838 Datasheet
174Kb / 2P
10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
AC847 TELEDYNE-AC847 Datasheet
178Kb / 2P
10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
AC848 TELEDYNE-AC848 Datasheet
178Kb / 2P
10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com