Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A74-2 Datasheet (PDF) - Tyco Electronics

A74-2 Datasheet PDF - Tyco Electronics
Part # A74-2
Download  A74-2 Download
File Size   351.1 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 5 to 500 MHz

A74-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
A74-2 Datasheet PDF - Tyco Electronics

Part # A74-2
Download  A74-2 Click to download

File Size   351.1 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 5 to 500 MHz

A74-2 Datasheet (HTML) - Tyco Electronics


A74-2 Product details

Description
The A74-2 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for consistent performance and high reliability.
This 2 stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network insures temperature-stable performance.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available

Features
• AVAILABLE IN SURFACE MOUNT
• HIGH GAIN - TWO STAGES: 26 dB (TYP.)
• LOW POWER DRAIN 65 m W AT 5 VOLTS




Similar Part No. - A74-2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A74-2 MA-COM-A74-2 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A74-2 MA-COM-A74-2 Datasheet
604Kb / 3P
Cascadable Amplifier
A74-2-SMA74-2 MA-COM-A74-2-SMA74-2 Datasheet
1Mb / 2P
Cascadable Amplifier
A74-2 MA-COM-A74-2_15 Datasheet
604Kb / 3P
Cascadable Amplifier
More results


Similar Description - A74-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A76-1 MACOM-A76-1 Datasheet
109Kb / 1P
5 TO 500 MHZ CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMA5-5 MA-COM-SMA5-5 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A54 MA-COM-A54 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A58 MA-COM-A58 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A73 MA-COM-A73 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A74-2 MA-COM-A74-2 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A74 MA-COM-A74 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
EA54-2 MA-COM-EA54-2 Datasheet
125Kb / 2P
Cascadable Amplifier 5 to 500 MHz
A54 MA-COM-A54_15 Datasheet
643Kb / 3P
Cascadable Amplifier 5 to 500 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com