Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAALSS0013 Datasheet (PDF) - Tyco Electronics

MAALSS0013 Datasheet PDF - Tyco Electronics
Part # MAALSS0013
Download  MAALSS0013 Download
File Size   160.81 Kbytes
Page   7 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Satellite Radio Low Noise Amplifier 2.2 - 2.4 GHz

MAALSS0013 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAALSS0013 Datasheet PDF - Tyco Electronics

Part # MAALSS0013
Download  MAALSS0013 Click to download

File Size   160.81 Kbytes
Page   7 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Satellite Radio Low Noise Amplifier 2.2 - 2.4 GHz

MAALSS0013 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MAALSS0013

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0012 MACOM-MAALSS0012 Datasheet
114Kb / 8P
Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012 Datasheet
264Kb / 6P
Miniature Broadband Gain Stage, 70 - 3000 MHz
MAALSS0012-3000 MACOM-MAALSS0012-3000 Datasheet
114Kb / 8P
Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0012SMB MACOM-MAALSS0012SMB Datasheet
114Kb / 8P
Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0012SMB MACOM-MAALSS0012SMB Datasheet
264Kb / 6P
Miniature Broadband Gain Stage, 70 - 3000 MHz
More results


Similar Description - MAALSS0013

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
INA-51063 HP-INA-51063 Datasheet
69Kb / 5P
2.4 GHz Low Noise Silicon MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC382LP3 HITTITE-HMC382LP3 Datasheet
292Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
logo
Tyco Electronics
MAALSS0033 MACOM-MAALSS0033 Datasheet
176Kb / 7P
Satellite Radio Low Noise Amplifier 2.2 - 2.4 GHz
logo
California Eastern Labs
UPG2310TK CEL-UPG2310TK Datasheet
269Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER FOR SATELLITE RADIO
logo
Silicon Storage Technol...
SST12LN01 SST-SST12LN01 Datasheet
289Kb / 11P
2.4-2.5 GHz Low-Noise Amplifier
logo
Hittite Microwave Corpo...
HMC618LP3 HITTITE-HMC618LP3 Datasheet
326Kb / 10P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
logo
Stealth Microwave, Inc.
SMTR2224-11G40-RSS STEALTH_MICROWAVE-SMTR2224-11G40-RSS Datasheet
315Kb / 6P
2.2-2.4 GHz 10W Bi-Directional Power Amplifier
logo
Skyworks Solutions Inc.
SKY65049-360LF SKYWORKS-SKY65049-360LF Datasheet
259Kb / 12P
1.7 - 2.4 GHz Low Noise Amplifier
SKY65405-11 SKYWORKS-SKY65405-11 Datasheet
45Kb / 2P
2.4 GHz Low-Noise Amplifier
logo
Microchip Technology
SST12LN01 MICROCHIP-SST12LN01 Datasheet
227Kb / 12P
2.4-2.5 GHz WLAN Low-Noise Amplifier
2015
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com